PART |
Description |
Maker |
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AD9222-65EBZ |
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
|
Analog Devices
|
AD8801 AD8803 AD8801AN AD8801AR AD8803AR AD8803AN |
Octal 8-Bit TrimDAC with Power Shutdown OCTAL, SERIAL INPUT LOADING, 0.6 us SETTLING TIME, 8-BIT DAC, PDSO16 Octal 8-Bit TrimDAC with Power Shutdown & Mid-Scale Preset
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD9222BCPZRL7-40 AD9222BCPZRL7-50 AD9222BCPZ-50 AD |
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC64
|
Analog Devices, Inc.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
MP7611BP MP7611CP MP7611CE MP7611BE MP7611AP MP761 |
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
|
MICRO POWER SYSTEMS Exar Corporation
|
AD7228LN |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP24
|
Analog Devices, Inc.
|
AN8083S AN8083 |
Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial Quad, 14-Bit nanoDAC® with 5ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Low Voltage Operation IC for DC-DC Converter
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MAX521ACAG |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs OCTAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24
|
Maxim Integrated Products, Inc.
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|