Part Number Hot Search : 
HC157 2N222 WW12030 ANTX1N3 0709877 IDT72251 DTC143EK SC453
Product Description
Full Text Search
  14-lead Datasheet PDF File

For 14-lead Found Datasheets File :: 129241    Search Time::4.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTC2145-14 LTC2158-14 LTC6412 LTC6946-2 LTC6946-3 LTC6946-1 LTC5591 LTC6409 LTC5569 LTC2185 LTC554X LTC5592 LTC5590

Linear Technology
Part No. LTC2145-14 LTC2158-14 LTC6412 LTC6946-2 LTC6946-3 LTC6946-1 LTC5591 LTC6409 LTC5569 LTC2185 LTC554X LTC5592 LTC5590
OCR Text ...tic qfn 10 11 12 6 5 4 3 2 1 13 14 15 16 17 18 ip2q dcoq dcoi ip2i rf + rf ? cmq v cap lo ? lo + gnd gnd ref i + i ? q + q ? cmi en gnd v bi...lead free finish tape and reel part marking package description temperature range ltc5584iuf#pbf ltc...
Description 30MHz to 1.4GHz IQ Demodulator

File Size 1,221.41K  /  32 Page

View it Online

Download Datasheet





    LTC2150-14

Linear Technology
Part No. LTC2150-14
OCR Text 14/ LTC2151-14/LTC2150-14 Electrical Specifications Subject to Change 14-Bit 250Msps/ 210Msps/170Msps ADCs FEATURES n n n n n n n n n...LEAD (6mm x 6mm) PLASTIC QFN TJMAX = 150C, JA = 33C/W EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED ...
Description 14-Bit 250Msps/ 210Msps/170Msps ADCs

File Size 3,833.76K  /  32 Page

View it Online

Download Datasheet

    LTC2144-14 LTC2145-12 LTC2143-12 LTC2143-14 LTC2145-14 LTC2144-12 LTC5575 LTC5517 LTC2261-14 LTC6605-10 LTC2260-14 LTC21

Linear Technology, Corp.
Part No. LTC2144-14 LTC2145-12 LTC2143-12 LTC2143-14 LTC2145-14 LTC2144-12 LTC5575 LTC5517 LTC2261-14 LTC6605-10 LTC2260-14 LTC2143IUP-12TRPBF LTC2144IUP-12TRPBF LTC2145CUP-12TRPBF LTC2143CUP-12PBF LTC2143CUP-12TRPBF LTC2143IUP-12PBF LTC2144CUP-12TRPBF LTC6412 LTC2259-14 LTC2262-14 LTC2267-12 LTC2267-14 LTC6605-7 LTC2183 LTC2184 LTC2185 LTC5557 LTC2266-14 LTC2266-12
OCR Text ...AR/SER 11 AIN2+ 12 AIN2- 13 GND 14 VCM2 15 VDD 16 65 GND 48 D1_0_1 47 DNC 46 DNC 45 DNC 44 DNC 43 DNC 42 OVDD 41 OGND 40 CLKOUT+ 39 CLKOUT- ...LEAD (9mm 9mm) PLASTIC QFN TJMAX = 150C, JA = 20C/W EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO...
Description 12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64

File Size 1,040.99K  /  36 Page

View it Online

Download Datasheet

    LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC5575 LTC5517 LTC2261-14 LTC2181 LTC2260-14 LTC2140IUP-12TRPBF LTC2142IUP-

Linear Technology, Corp.
Part No. LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC5575 LTC5517 LTC2261-14 LTC2181 LTC2260-14 LTC2140IUP-12TRPBF LTC2142IUP-12TRPBF LTC2141IUP-12TRPBF LTC2142CUP-12TRPBF LTC2140IUP-12PBF LTC2141IUP-12PBF LTC2141CUP-12TRPBF LTC2141CUP-12PBF LTC2140CUP-12PBF LTC2142CUP-12PBF LTC2142IUP-12PBF LTC2140CUP-12TRPBF LTC2180 LTC2182 LTC2259-14 LTC2262-14 LTC2267-12 LTC2267-14 LTC5557 LTC2266-14 LTC2266-12
OCR Text ...AR/SER 11 AIN2+ 12 AIN2- 13 GND 14 VCM2 15 VDD 16 65 GND 48 D1_0_1 47 DNC 46 DNC 45 DNC 44 DNC 43 DNC 42 OVDD 41 OGND 40 CLKOUT+ 39 CLKOUT- ...LEAD (9mm 9mm) PLASTIC QFN VDD 1 VCM1 2 GND 3 AIN1+ 4 AIN1- 5 GND 6 REFH 7 REFL 8 REFH 9 REFL 10 ...
Description 12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64

File Size 1,046.93K  /  36 Page

View it Online

Download Datasheet

    Panasonic
Part No. IEC60384-14 IEC384-14
OCR Text ...y Regulations) Type TS IEC60384-14 Sub-class Y2/X1 Type NS-A IEC384-14 Sub-class Y1/X1 Type BE 250 VAC For Japan Domestic Safety s Featur...Lead and Radial Taping s Recommended Applications q Interference suppressor for AC Primary Line ...
Description Ceramic Disc Capacitors

File Size 421.17K  /  6 Page

View it Online

Download Datasheet

    LTC2257IUJ-14-PBF LTC2258CUJ-14-PBF LTC2258IUJ-14-PBF LTC2257CUJ-14-TRPBF LTC2257IUJ-14-TRPBF LTC2258CUJ-14-TRPBF LTC225

Linear Technology
Part No. LTC2257IUJ-14-PBF LTC2258CUJ-14-PBF LTC2258IUJ-14-PBF LTC2257CUJ-14-TRPBF LTC2257IUJ-14-TRPBF LTC2258CUJ-14-TRPBF LTC2258IUJ-14-TRPBF
OCR Text 14 LTC2257-14/LTC2256-14 14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs FEATURES n n n n n n n n n n n n n DESCRIPTION The LTC (R)2258-1...LEAD (6mm 6mm) PLASTIC QFN UJ PACKAGE 40-LEAD (6mm 6mm) PLASTIC QFN TJMAX = 150C, JA = 32C/W E...
Description 14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs

File Size 1,201.62K  /  32 Page

View it Online

Download Datasheet

    STANFORD[Stanford Microdevices]
Part No. SCA-14
OCR Text 14 is a high performance Gallium Arsenide Heterojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broad...lead) f = DC-4000 MHz f = DC-4000 MHz f = 850 MHz f = 1950 MHz f = 2400 MHz f = 1950 MHz dB dB...
Description DC-4 GHz, Cascadable GaAs HBT MMIC Amplifier

File Size 446.85K  /  6 Page

View it Online

Download Datasheet

    0900-8-15-20-76-14-11-0

Mill-Max Mfg. Corp.
Part No. 0900-8-15-20-76-14-11-0
OCR Text 14-11-0 description: ?0900 - spring-loaded pin packaging: packaged in bulk mill-max part number shell?plating contact?plating rohs compl...lead is used to permit "free machining" and is permitted by ec directive 2002/95annex 6; so all pin ...
Description Properties of BRASS ALLOY

File Size 108.32K  /  3 Page

View it Online

Download Datasheet

    LTC2153-14 LTC5588-1 LTC6416 LTC6412 LT5578 LTC6400-X LTC5567 LTC5569 LT5538 LT5579 LTC554X LTC5583 LT5581

Linear Technology
Part No. LTC2153-14 LTC5588-1 LTC6416 LTC6412 LT5578 LTC6400-X LTC5567 LTC5569 LT5538 LT5579 LTC554X LTC5583 LT5581
OCR Text ...190 240 290 340 590 12 10 8 6 4 14 18 20 22 28 16 24 26 iip3 g v nf rf = 1.69ghz to 2.24ghz lo = 1.65ghz z rf = 50 z if = 200 differenti...lead (4mm 4mm) plastic qfn 9 10 11 12 4 3 2 1temp gnd rf gnd gnd if + if ? gnd gnd lo nc gnd en v c...
Description 300MHz to 4GHz Active Downconverting Mixer

File Size 350.07K  /  20 Page

View it Online

Download Datasheet

    AD8044AR-14-REEL7 AD8044AR-14-REEL AD8044AR-14 AD8044AN

Analog Devices
Part No. AD8044AR-14-REEL7 AD8044AR-14-REEL AD8044AR-14 AD8044AN
OCR Text ...fier AD8044 CONNECTION DIAGRAM 14-lead Plastic DIP and SOIC OUT A -IN A +IN A V+ +IN B -IN B OUT B 1 2 3 4 5 6 7 TOP VIEW 14 OUT D 13 -IN D 12 +IN D AD8044 11 V- 10 +IN C 9 8 -IN C OUT C The output voltage swing extends to within...
Description Quad 150 MHz Rail-to-Rail Amplifier

File Size 206.22K  /  15 Page

View it Online

Download Datasheet

For 14-lead Found Datasheets File :: 129241    Search Time::4.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 14-lead

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.84172201156616