PART |
Description |
Maker |
QFBR-53A5VEM QFBR-53A5VFM |
(QFBR-53A5VEM / QFBR-53A5VFM) 3.3 V 1x9 Fiber Optic Transceivers
|
Agilent Technologies
|
CY7C954DX |
ATM HOTLink Transceiver(ATM 热接插收发器) 自动柜员机的HOTLink收发器(自动柜员机热接插收发器)
|
Cypress Semiconductor Corp.
|
PM73487 PM73487-PI |
622 Mbps ATM Traffic Management Device ATM/SONET/SDH SUPPORT CIRCUIT, PBGA503
|
PMC-Sierra, Inc.
|
RCC700AKA-200 RCC700AQD-266 |
ATM/SONET Transceiver ATM SONET的收发器
|
Thomas
|
IDT77V1254L25L25PG IDT77V1254L25L25PGI IDT77V1254L |
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks Quad port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 4 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
IDT77V1253 IDT77V1253L25PGI |
Triple Port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 Interface 3 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
IDT77V400S156BC IDT77V400S156BC1 IDT77V400S156DS I |
ATM/SONET SWITCHING MEMORY|QFP|208PIN|PLASTIC SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
|
List of Unclassifed Manufacturers
|
LC-155B1H1 LC-155B1H1T LC-155B2H1 LC-155B2H1T LC-1 |
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps,准系统LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3
|
DELTA[Delta Electronics, Inc.]
|
HFCT-5964TG HFCT-5964TL HFCT-5964NG HFCT-5964NL HF |
HFCT-5964ATG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5964ATL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5964NG · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964NL · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5964TG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964TL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) NEL[Nel Frequency Controls,inc]
|
V23826-H18-C366 SCDUPLEXIR1X93.3V-40 |
DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range 直流/直流电压3.3V)单22 MBd的ATM SDH / SONETx9收发器扩展温度范 Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, DC/DC coupling, Ext. Temp. Range, SC, 3.3 V
|
INFINEON[Infineon Technologies AG]
|
FX-424-DPC-A4S8G FX-424-DPC-D4S8G FX-424-DPF-A4S8G |
ATM/SONET/SDH SUPPORT CIRCUIT, DSO13 20.30 X 13.70 MM, 5.10 MM HEIGHT, ROHS COMPLIANT, SURFACE MOUNT, PACKAGE-14/13 ATM/SONET/SDH SUPPORT CIRCUIT, DSO13 20.30 X 13.70 MM, 5.10 MM HEIGHT, SURFACE MOUNT, PACKAGE-14/13 ATM/SONET/SDH SUPPORT CIRCUIT, DMA424
|
Vectron International, Inc.
|
HFCT-5218EM HFCT-5218FM HFCT-5218M |
TRANSCEIVER, XFO 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Metalized housing 622 Mbit / s的单模光纤(40公里x9收发器用于SONET / SDH的。自动柜员机(的OC - 12):金属化住 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Flush shield.metal housing 622 Mbit / s的单模光纤(40公里x9收发器用SONET / SDH的。自动柜员机(的OC - 12):刷新shield.metal住房 HFCT-5218M · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Metalized housing HFCT-5218FM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Flush shield,metal housing HFCT-5218EM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Ext. shield, metal housing
|
SMSC, Corp. Agilent (Hewlett-Packard)
|