PART |
Description |
Maker |
ST72311N4 ST72311N2 ST72311J4 ST72311J2 ST72311 ST |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS 1路3GHz Low Power Single-Chip Frequency Synthesiser 5GHZ 卤 16 Fixed Modulus Divider 5GHZ 卤 8 Fixed Modulus Divider 5GHZ/ 2 Fixed Modulus Divider 1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER 1.3 GHz Professional Synthesiser 8-BIT MICROCONTROLLER (MCU) WITH 8 TO 16K ROM/OTP/EPROM,384 TO 512 BYTES RAM,ADC,WDG,SCI,SPI AND 2 TIMERS - SDIP42/56, QFP44/64
|
STMICROELECTRONICS[STMicroelectronics] ZARLINK
|
SP8904MP |
5GHZ ÷ 4 Fixed Modulus Divider
|
Zarlink
|
SP8902MP |
5GHZ ÷ 2 Fixed Modulus Divider
|
Zarlink
|
SP8902 SP8902_KG_MP1S SP8902_KG_MP1T SP8902/KG/MP1 |
5GHZ/ 2 Fixed Modulus Divider
|
Zarlink Semiconductor Inc
|
SP8908 |
5GHZ/ 8 Fixed Modulus Divider
|
Zarlink Semiconductor
|
SP8782 SP8782B SP8782MP2Q SP8782MPTC SP8782A SP878 |
1GHZ 16/17, 32/33 MULTI-MODULUS DIVIDER 1 GHz Divide 16/17, Divide 32/33 Multi-Modulus Divider
|
Zarlink Semiconductor Inc
|
SP8802 SP8802A SP8802ADG DES9066101 DES9066101AC D |
6.5V; 420mW; 3.3GHz 2fixed modulus divider 3.3GHz ÷ 2 fixed Modulus Divider 3.3GHz 2 fixed Modulus Divider 3.3GHz ± 2 fixed Modulus Divider 3.3GHz ± 2个固定的模数分频
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor Mitel Networks, Corp.
|
SP8793 |
225MHz divide 40/41 Two Modulus Divider
|
Zarlink Semiconductor
|
SP8630AC |
600MHz/10 Fixed Modulus Divider
|
Plessey Semiconductors
|
ZL40803 414 |
6 GHz Fixed Modulus ÷ 2 From old datasheet system
|
Zarlink
|
SP5070 |
2.GHz Fixed Modulus Frequency Synthesizer
|
Zarlink Semiconductor
|
SP8782 SP8782A SP8782ADG SP8782BMP DES9208901AC DE |
6.0V; 1GHz 16/17, 32/33 multi-modulus divider 1GHz ± 16/17, ±32/33 Multi-Modulus Divider 1GHz的16/17,32/33多模数分频器 TV 4C 4#16 PIN WALL RECP 1GHz的16/17,32/33多模数分频器 1GHz 16/17/ 32/33 Multi-Modulus Divider 1GHz 16/17 / 32/33 Multi-Modulus Divider 1GHz 16/17 32/33 Multi-Modulus Divider 1GHz 16/17, 32/33 Multi-Modulus Divider 1GHz 梅 16/17, 梅32/33 Multi-Modulus Divider 1GHz ÷ 16/17, ÷32/33 Multi-Modulus Divider
|
Mitel Networks, Corp. MITEL[Mitel Networks Corporation] Mitel Semiconductor
|