Part Number Hot Search : 
NJU6358 X935Z SMCJ75 30402 PT22002 DHD5K SPANSION 1660C
Product Description
Full Text Search
  5ghz Datasheet PDF File

For 5ghz Found Datasheets File :: 2297    Search Time::4.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC4043S 2SC3838 2SC3838K 2SC4083 2SC4726 2SC5662

ROHM[Rohm]
Part No. 2SC4043S 2SC3838 2SC3838K 2SC4083 2SC4726 2SC5662
OCR Text ...ansition frequency. (Typ. fT= 1.5ghz) 2) Small rbb'Cc and high gain. (Typ. 4ps) 3) Small NF. !External dimensions (Units : mm) 2SC5662 0.2 1.2 0.32 (3) (1) 1.2 0.8 (2) 0.2 0.4 0.4 0.8 0.5 0.22 0.15Max. ! Absolute max...
Description High-Frequency Amplifier Transistor(11V 50mA 3.2GHz)
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
High-Frequency Amplifier Transistor(11V/ 50mA/ 3.2GHz)
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 61.54K  /  2 Page

View it Online

Download Datasheet





    MAX105 MAX105ECS

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX105 MAX105ECS
OCR Text ...ature a 400MHz, -0.5dB, and a 1.5ghz, -3dB analog input bandwidth. Matching channel-to-channel performance is typically 0.04dB gain, 0.1LSB offset, and 0.2 degrees phase. Dynamic performance is 36.4dB signal-to-noise plus distortion (SINAD)...
Description Dual / 6-Bit / 800Msps ADC with On-Chip / Wideband Input Amplifier
" Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier"
Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier

File Size 665.99K  /  21 Page

View it Online

Download Datasheet

    UPD5710TK UPD5710TK-E2-A

NEC Corp.
NEC[NEC]
Part No. UPD5710TK UPD5710TK-E2-A
OCR Text ...device can operate from DC to 2.5ghz with low insertion loss and high isolation, and generally does not require blocking capacitors on the RF lines. The UPD5710TK is housed in a Pb-Free 6-pin minimold (1511) package, suitable for high-densi...
Description 2-WIRE FACTORY PROGRAMMED W/TIN PLATING
NECs WIDE BAND SINGLE CONTROL CMOS SPDT SWITCH

File Size 450.45K  /  9 Page

View it Online

Download Datasheet

    AD8361 AD8361ARM AD8361ARM-REEL AD8361ARM-REEL7 AD8361ART-EVAL AD8361ART-REEL AD8361ART-REEL7 AD8361-EVAL

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8361 AD8361ARM AD8361ARM-REEL AD8361ARM-REEL7 AD8361ART-EVAL AD8361ART-REEL AD8361ART-REEL7 AD8361-EVAL
OCR Text ...0.2 0.3 INPUT - V rms 0.4 0.5 2.5ghz 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 0.01 0.02 (-21dBm) 0.1 (-7dBm) INPUT - V rms 0.4 (+5dBm) MEAN 3 SIGMA Figure 2. Output vs. Input Level, Frequencies 100 MHz, 900 MHz, 1900 MHz, and 2500 MHz, Sup...
Description LF to 2.5 GHz TruPwrDetector SPECIALTY ANALOG CIRCUIT, PDSO6
LF to 2.5 GHz TruPwrDetector 低频.5 GHz TruPwr⑩探测器
LF to 2.5 GHz TruPwr⑩ Detector
LF to 2.5 GHz TruPwr Detector
LF to 2.5 GHz TruPwr?/a> Detector
LF to 2.5 GHz TruPwr?Detector

File Size 304.57K  /  16 Page

View it Online

Download Datasheet

    ZL40800 ZL40800_DCA ZL40800_DCB ZL40802 ZL40802_DCA ZL40802_DCB ZL40802/DCA ZL40802/DCB ZL40800/DCA ZL40800/DCB

Zarlink Semiconductor Inc.
ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL40800 ZL40800_DCA ZL40800_DCB ZL40802 ZL40802_DCA ZL40802_DCB ZL40802/DCA ZL40802/DCB ZL40800/DCA ZL40800/DCB
OCR Text ... Vcc = 3.6V, Temp = 25C @ 1,3 & 5ghz Phase Noise in dBC/Hz -130 -135 -140 -145 -150 -155 -160 100 1000 10000 100000 Offset Frequency in Hz Figure 5 - ZL40802 Typical Phase Noise 5ghz 3GHz 1GHz Absolute Maximum Ratings Parameter...
Description 6 GHz Fixed Modulus Prescalers

File Size 402.82K  /  12 Page

View it Online

Download Datasheet

    ZL40810 ZL40810DCE ZL40810DCF

ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL40810 ZL40810DCE ZL40810DCF
OCR Text ... = 1GHz to 2GHz fin = 2GHz to 9.5ghz fin = 11GHz fin = 1GHz to 4GHz fin = 5ghz to 11GHz For <2GHz operation. Differential Into 50ohm pullup resistors Single-ended output, fin = 2GHz to 10GHz, pwr ip= -10dBm Fin = 5ghz, pwr ip = 0dBm See Fig...
Description 10-GHz Fixed Modulus ÷ 8
10-GHz Fixed Modulus 8
10-GHz Fixed Modulus ± 8

File Size 529.36K  /  13 Page

View it Online

Download Datasheet

    ZL4081 ZL40813 ZL40813DCE ZL40814 ZL40814DCE ZL40818 ZL40818DCE

ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL4081 ZL40813 ZL40813DCE ZL40814 ZL40814DCE ZL40818 ZL40818DCE
OCR Text 5ghz Fixed Modulus Dividers Data Sheet Features * * * * * Very High Operating Speed Low Phase Noise (Typically better than -146dBc/Hz at 10kHz offset) 5V Single Supply Operation Low Power Dissipation: 500mW (Typ) Surface Mount Plastic Pac...
Description 13.5ghz Fixed Modulus divide 16 Prescaler
13.5ghz Fixed Modulus Dividers

File Size 332.09K  /  15 Page

View it Online

Download Datasheet

    PMB2208

Infineon Technologies AG
Part No. PMB2208
OCR Text ...IF frequency range from DC to 2.5ghz typ 39dB carrier suppression Low noise Supply voltage range from 2.7 to 4.5V Power-down mode Temperature range -30 to 85C Analog systems with FM and AM modulation Space- and power-saving optimizations of...
Description Mixer and IF Vector Modulator

File Size 632.85K  /  27 Page

View it Online

Download Datasheet

    2SC3837K 2SC4725 2SC5661

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SC3837K 2SC4725 2SC5661
OCR Text 5ghz) 2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K !Features 1) High transition frequency. (Typ. fT = 1.5ghz) 2) Small rbb'Cc and high gain. (Typ. 6ps) 3) Small NF. !External dimensions (Units : mm) 2SC5661 0.2 1.2 0.8 (2) (3) (1) 0.2 ...
Description High-Frequency Amplifier Transistor (18V/ 50mA/ 1.5ghz)
High-Frequency Amplifier Transistor (18V 50mA 1.5ghz)
High-Frequency Amplifier Transistor (18V, 50mA, 1.5ghz)

File Size 67.71K  /  2 Page

View it Online

Download Datasheet

For 5ghz Found Datasheets File :: 2297    Search Time::4.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 5ghz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90054988861084