PART |
Description |
Maker |
74ALVCH16374 74ALVCH16374_2 ACH16374DL ACH16374DGG |
2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16浣?竟缂?Е???D瑙?????涓??锛? 2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16位边缘触发的D触发器(三态)) 2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State From old datasheet system 2.5 V / 3.3 V 16-bit edge-triggered D-type flip-flop (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SN54-74LS90 SN54_74LS93 SN54_74LS90 SN74LS90N SN74 |
DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER From old datasheet system DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER 十年计数分频12项反4位二进制计数 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, CDIP14 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP14 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, PDSO14
|
ONSEMI[ON Semiconductor]
|
74AC161MTC 74AC161PC 74AC161SC 74AC161SJ 74AC161 7 |
Synchronous Presettable Binary Counter Synchronous Up Counter AC SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 Synchronous Presettable Binary Counter ACT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16 From old datasheet system Synchronous Presettable Binary Counter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M74HCT161 M74HCT161M1R M74HCT161B1R |
HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16 HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
STMicroelectronics
|
74LVC162374A 74LVC162374ADGG 74LVC162374ADL 74LVC_ |
16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC -40 to 85 16-bit edge triggered D-type flip-flop with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位边沿触发D触发器(三态)) From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
ICS32852 ICSSSTV32852 ICSSSTV32852YHT STV32852YHLF |
SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 DDR 24-Bit to 48-Bit Registered Buffer
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Circuit Systems
|
KIA79L15F KIA79L10F KIA79L09F KIA79L05F KIA79L12F |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 三端负电压调节器 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
DM74AS74 DM74AS74SJX DM74AS74M DM74AS74N DM74AS74S |
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear AS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D Positive-Edge-Triggered Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|