PART |
Description |
Maker |
0879190001 87919-0001 |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
|
Molex Electronics Ltd.
|
DTV56 DTV56B DTV56F |
High Voltage Damper Diodes, Forward Current 10A, Reverse Recovery Time 135ns, Reverse Voltage 1500V
|
Vishay
|
1SV216 |
Reverse Voltage VR 30 V Peak Reverse Voltage VRM 35 (RL = 10K ) V
|
TY Semiconductor Co., Ltd
|
1SMC7.0 1SMC7.5 1SMC70 1SMC64 1SMC16 1SMC60 1SMC78 |
Plastic surfase mount zener overvoltage transient suppressor. Reverse stand-off voltage 170V. 1500W peak power, 5.0W steady state. ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 稳压暂态过电压抑制
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
FR014H5JZ |
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
|
Fairchild Semiconductor
|
BYV32 BYVF32 BYVB32 BYV32-200 BYVB32-200 BYVF32-20 |
Dual Ultrafast Rectifiers, Forward Current 18A, Reverse Recovery Time 25ns, Reverse Voltage 50 to 200V From old datasheet system
|
VISAY[Vishay Siliconix] http://
|
PMF7.0A PMF7.0CA PMF7.5A PMF70A PMF7.5CA PMF70CA P |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
|
StarHope
|
SMCJ300A |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
StarHope
|
SAC SAC30 SAC7.0 SAC18 SAC10 SAC8.0 SAC12 |
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
|
StarHope
|
5KP210A 5KP130A 5KP200A 5KP36 5KP6.0A 5KP8.5A 5KP9 |
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
|
GOOD-ARK Electronics
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|