PART |
Description |
Maker |
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
CNY17-3-000E CNY17-1-000E CNY17-2-000E CNY17-4-000 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, DIP-6 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, SMD, DIP-6 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SMD, DIP-6 CNY17-1 · General Purpose Phototransistor Optocoupler CNY17-4-000E · Lead Free General Purpose Phototransistor Optocoupler CNY17-2-000E · Lead Free General Purpose Phototransistor Optocoupler CNY17-1-000E · Lead Free General Purpose Phototransistor Optocoupler CNY17-3-000E · Lead Free General Purpose Phototransistor Optocoupler
|
Agilent Technologies, Inc. Agilent (Hewlett-Packard)
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
HCPL-576X 5962-8947701 5962-8947701PA 5962-8947701 |
Hermetically Sealed Optocoupler. AC/DC to Logic Interface 密封光耦AC / DC的逻辑接口 AC/DC to Logic Interface Hermetically Sealed Optocouplers 5962-8947701YA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701XA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701YC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PA · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-576K-100 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KXA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYC · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-5760 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface HCPL-576K · Hermetically sealed Optocoupler, AC/DC to Logic Interface
|
International Rectifier, Corp. Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HCPL-8100 HCPL-0810 HCPL-0810-500 |
HCPL-0810 · Agilent HCPL-0810 High Current Line Driver HCPL-8100 · Agilent HCPL-8100 High Current Line Driver High Current Line Driver 大电流线路驱动器
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
53649-0874 0536490874 |
0.635mm (.025) Pitch SlimStack?/a> Plug, Surface Mount, Dual Row, Vertical Stacking9.00 and 15.00mm (.354 and .591) Stacking Heights, Lead-free, 80 Circuits, withEmbossed Tape with Cover Packaging 0.635mm (.025) Pitch SlimStack Plug, Surface Mount, Dual Row, Vertical Stacking9.00 and 15.00mm (.354 and .591) Stacking Heights, Lead-free, 80 Circuits, withEmbossed Tape with Cover Packaging
|
Molex Electronics Ltd.
|
0546987006 54698-7006 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205)Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height9.00mm (.354) Type, Lead-free
|
Molex Electronics Ltd.
|
HCPL-T251 |
HCPL-T251 · 0.4 Amp Output Current IGBT Gate Drive Optocoupler
|
Agilent (Hewlett-Packard)
|
HCPL-J312 |
HCPL-J312 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler
|
Agilent (Hewlett-Packard)
|
0525840679 52584-0679 |
1.00mm (.039) Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709) Stacking Heights, 60 Circuits,Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
|