PART |
Description |
Maker |
DMT1D33K-F DMT1P33K-F DMT4S15K-F DMT4S1K-F DMT4S22 |
Polyester Film Capacitors General Purpose, High Peak Currents, High Insulation Resistance
|
Cornell Dubilier Electronic... List of Unclassifed Manufac... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
MG50Q2YS40 E002356 |
From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) N CHANNEL IGBT (HIGH POWER SWITCHING / MOTOR CONTROL APPLICATIONS) WIRE, ETFE, TEFZEL, 12AWG, BLACK, 100M; Area, conductor CSA:3.022mm2; Conductor make-up:37/0.320; Voltage rating, AC:600V; Current rating:35A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes
|
Toshiba Semiconductor Toshiba Corporation
|
DE2A-L2-9 DE1A1B-1V DE1A1B-2V DE1A1B-3V DE1A1B-4V |
COMPACT HIGH-INSULATION POLARIZED POWER RELAY
|
http:// NAIS[Nais(Matsushita Electric Works)]
|
ACNV2601-300E |
High Insulation Voltage 10 MBd Digital Optocoupler
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
MG75Q2YS40 E002411 |
WIRE, ETFE, TEFZEL, 12AWG, WHITE, 100M; Area, conductor CSA:3.022mm2; Conductor make-up:37/0.320; Voltage rating, AC:600V; Current rating:35A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
08-130101-01 08-130101-01-C1 |
Compant High-Insulation Power Relay, Polarized, 10A 外形图式PFC OUTLINE DRAWING PFC MICRO
|
Vicor, Corp. VICOR[Vicor Corporation]
|
1804AG7X500 |
28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
|
List of Unclassifed Man...
|
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
SB1H100-E3_54 SB1H100-E3_73 SB1H100 SB1H100HE3_54 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
MT5375-UV |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|