PART |
Description |
Maker |
SABC541U-1EN SABC541U-1ENB12 SABC541U-1ENCA SABC54 |
8-Bit USB Microcontroller with on-chi...
|
Infineon
|
109D706X9015F2E3 109D706X9015F0E3 109D826X0075F2B |
CAP 70UF 15VDC 10% 7.52 X 17.86MM AXL PLASTIC - Trays CAP 70UF 15VDC 10% 7.14 X 16.26MM AXL PLASTIC - Trays AXIAL,WET TA,82UF,75V,20%,F CASE,EX-RNG,SLV'D - Bulk CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 8.2 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 8 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 5.16 X 13.08MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 2.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 4.75 X 11.51MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 30 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 8 V, 430 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 430UF 30VDC 20% 10.31 X 23.4MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 1.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 4.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 360UF 50VDC 20% 9.53 X 26.97MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 540 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 40 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 9 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Sprague
|
CFD2374 CFD2374Q CFB1548 CFB1548A CFB1548AP CFB154 |
2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 70 - 250 hFE. Complementary CFB1548 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 70 - 150 hFE. Complementary CFB1548Q 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 70 - 250 hFE. Complementary CFD2374 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 70 - 250 hFE. Complementary CFD2374A 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 120 - 250 hFE. Complementary CFD2374AP 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 70 - 150 hFE. Complementary CFD2374AQ 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 120 - 250 hFE. Complementary CFD2374P 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 70 - 250 hFE. Complementary CFB1548A 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 120 - 250 hFE. Complementary CFB1548AP 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 120 - 250 hFE. Complementary CFB1548P 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 3.000A Ic, 70 - 150 hFE. Complementary CFB1548AQ
|
Continental Device India Limited
|
ICS606T |
IC SOCKETS SINGLE & DUAL ROW SOCKETS
|
Adam Technologies, Inc.
|
TO-92 |
TO-92 (3 leads) Leaded Thru-hole Plastic Package TO-92 (3 leads) Leaded Thru-hole Plastic Package 92引脚)引线通孔塑料包装
|
Electronic Theatre Controls, Inc.
|
CTN368 CTN369 |
1.000W General Purpose NPN Plastic Leaded Transistor. 20V Vceo, 1.000A Ic, 50 - hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 0.500A Ic, 50 - hFE
|
Continental Device India Limited
|
C2688BPL CSC2688 CSC2688BPL CSC2688G CSC2688O CSC2 |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 200.000A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 160 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 60 - 120 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 80 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 100 - 200 hFE.
|
Continental Device India Limited
|
CSD288 CSA614 CSA614Y |
25.000W Low Frequency PNP Plastic Leaded Transistor. 55V Vceo, 3.000A Ic, 120 - 240 hFE. PNP/NPN PLASTIC POWER TRANSISTOR
|
CDIL[Continental Device India Limited]
|
CDL13005 CDL13005A CDL13005B CDL13005C CDL13005E |
75.000W Medium Power NPN Plastic Leaded Transistor. 400V Vceo, 4.000A Ic, 40 - 50 hFE. 75.000W Medium Power NPN Plastic Leaded Transistor. 400V Vceo, 4.000A Ic, 20 - 31 hFE. From old datasheet system NPN PLASTIC POWER TRANSISTOR 75.000W Medium Power NPN Plastic Leaded Transistor. 400V Vceo, 4.000A Ic, 10 - 21 hFE. 75.000W Medium Power NPN Plastic Leaded Transistor. 400V Vceo, 4.000A Ic, 30 - 41 hFE.
|
Continental Device India Limited ETC[ETC] List of Unclassifed Manufacturers
|
CSA966Y CSA966O |
0.900W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 1.500A Ic, 160 - 320 hFE 0.900W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 1.500A Ic, 100 - 200 hFE
|
Continental Device India Limited
|
|