PART |
Description |
Maker |
BFR95 |
NPN 3.5GHz Wideband Transistor
|
Philips Semiconductors
|
BFG198 |
NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体 NPN 8 GHz wideband transistor
|
NXP Philips Semiconductors
|
SP8910 SP8910KGMP1T SP8910KG SP8910KGMP1S |
5GHZ ±10 Fixed Modulus Divider 5GHZ 10 Fixed Modulus Divider 5GHZ ÷10 Fixed Modulus Divider(5GHZ ÷10超高速低功耗固定模数除法器) MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:100V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.028ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
SP8830 SP8830ADG SP8830BDG DES9157201 DES9157201AC |
1.5GHz ÷ 10 Prescaler 1.5GHz 10 Prescaler 1.5GHz ± 10 Prescaler MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:13A; On-Resistance, Rds(on):15mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
NJG1553F-C4 NJG1553F-C7 NJG1553F-L6 NJG1553F-C3 NJ |
1.5GHz/1.9GHz Mixer GaAs MMIC(1.5GHz/1.9GHz砷化镓单片微波集成电路混频器(用于数字移动电话和PHS手机 1.5ghZ/1.9ghZ mixer gAaS mmic 1.5ghZ/1.9ghZ砷化镓MMIC混频
|
New Japan Radio Co., Ltd.
|
LT5572 |
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator From old datasheet system
|
Linear Technology Corporation
|
NJG1552F-L5 NJG1552F-L3 NJG1552F-L7 NJG1552F-C8 NJ |
1.5ghZ/1.9ghZ mixer gAaS mmic 1.5ghZ/1.9ghZ砷化镓MMIC混频
|
New Japan Radio Co., Ltd.
|
15GN01CA-TB-E |
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
|
ON Semiconductor
|
BFE520 BFE520_2 BFE520/T1 |
TRANSISTOR NPN HF From old datasheet system NPN wideband differential
|
Philips
|
BFU590Q |
NPN wideband silicon RF transistor
|
NXP Semiconductors
|
BFU530W |
NPN wideband silicon RF transistor
|
NXP Semiconductors
|