PART |
Description |
Maker |
8EWF06STRR 8EWF06STRL 8EWF 8EWF02STRL 8EWF02STRR 8 |
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 600V Fast Recovery Diode in a D-Pak package 400V Fast Recovery Diode in a D-Pak package 200V Fast Recovery Diode in a D-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 软恢复二极管表面贴装快 8 A, 400 V, SILICON, RECTIFIER DIODE, TO-252AA
|
IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
DSEI60 DSEI60-06 DSEI60-06A DSEI600V |
Fast Recovery Epitaxial Diode (FRED) 快速恢复外延二极管(弗雷德 Fast Recovery Epitaxial Diode (FRED) 60 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS, Corp. ETC IXYS[IXYS Corporation]
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|