PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|