PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
DDTC114TUA DDTC113TUA-7 DDTC114TUA-7 DDTC115TUA-7 |
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DDTC144ELP DDTC144ELP-7 |
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
BC847BLP4-7B BC847BLP4-7 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTC123EKA DDTC114EKA DDTC123EKA2 DDTC124EKA DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTC114WKA DDTC114WKA-7 DDTC114YKA DDTC114YKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
2DC4617QLP-7B 2DC.617QLP-7 2DC.617QLP11 2DC4617QLP |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
|