Part Number Hot Search : 
2N36S8 STN1NF10 EL5167 1V0DS00 FW344 TF10BT HT162 SI443
Product Description
Full Text Search

AD8010 - Smartcard Connector; No. of Contacts:6; Body Material:Thermosplastic; Contact Material:Tin Bronze; Contact Plating:Gold Over Nickel; Series:C707A; Operating Temperature Range /-:-40 C to 85 C; Voltage Rating:540V RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 200 MA OUTPUT CURRENT HIGH SPEED AMPLIFIER

AD8010_435591.PDF Datasheet

 
Part No. AD8010 AD8010AR-16 AD8010AR-16-REEL AD8010AR-REEL AD8010AR-REEL7 AD8010AR AD8010AR-16-REEL7 AD8010AN
Description Smartcard Connector; No. of Contacts:6; Body Material:Thermosplastic; Contact Material:Tin Bronze; Contact Plating:Gold Over Nickel; Series:C707A; Operating Temperature Range /-:-40 C to 85 C; Voltage Rating:540V RoHS Compliant: Yes
Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes
200 MA OUTPUT CURRENT HIGH SPEED AMPLIFIER

File Size 164.12K  /  12 Page  

Maker


ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: AD8010AN
Maker: AD
Pack: DIP8
Stock: Reserved
Unit price for :
    50: $8.68
  100: $8.25
1000: $7.82

Email: oulindz@gmail.com

Contact us

Homepage http://www.analog.com/
Download [ ]
[ AD8010 AD8010AR-16 AD8010AR-16-REEL AD8010AR-REEL AD8010AR-REEL7 AD8010AR AD8010AR-16-REEL7 AD8010AN Datasheet PDF Downlaod from Datasheet.HK ]
[AD8010 AD8010AR-16 AD8010AR-16-REEL AD8010AR-REEL AD8010AR-REEL7 AD8010AR AD8010AR-16-REEL7 AD8010AN Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for AD8010 ]

[ Price & Availability of AD8010 by FindChips.com ]

 Full text search : Smartcard Connector; No. of Contacts:6; Body Material:Thermosplastic; Contact Material:Tin Bronze; Contact Plating:Gold Over Nickel; Series:C707A; Operating Temperature Range /-:-40 C to 85 C; Voltage Rating:540V RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 200 MA OUTPUT CURRENT HIGH SPEED AMPLIFIER


 Related Part Number
PART Description Maker
ST802408 ST8024CDR ST8024CTR Smartcard interface
STMicroelectronics
ST8004 ST8004CD ST8004CDR SMARTCARD INTERFACE
STMICROELECTRONICS[STMicroelectronics]
ST19XL34V2 Smartcard MCU
ST Microelectronics
ST19AF08 Smartcard MCU With 4 additional I/0
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
MB94R215B MB94R215BPMB Microcontroller for Multiapplication SmartCard
Fujitsu Media Devices Limited
ST19RF08GW40ROXA Smartcard MCU With 8 KBytes EEPROM
ST Microelectronics
ST19SF04 Smartcard MCU With 4 KBytes of EEPROM
STMICROELECTRONICS[STMicroelectronics]
ST16SF41 Smartcard MCU With 1344 Bytes EEPROM
STMicroelectronics
MC3356005 MC33560DTBR2G MC33560DWR2G MC33560DWR2 M Power Management and Interface IC for Smartcard Readers and Couplers
ONSEMI[ON Semiconductor]
ST21Y068 Smartcard MCU with 68 KBytes High Density EEPROM
STMicroelectronics
 
 Related keyword From Full Text Search System
AD8010 Integrate AD8010 rectifier AD8010 Register AD8010 module AD8010 Ultra
AD8010 table AD8010 programmable AD8010 Channel AD8010 电子元器件 AD8010 Table
 

 

Price & Availability of AD8010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.8354599475861