PART |
Description |
Maker |
309URA160 301U200 309URA250 301UA160 301UA200 301U |
2500V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1600V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 1200V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 2000V 330A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 330A Std. Recovery Diode in a DO-205AB (DO-9)package From old datasheet system FILTER CERAMIC 915MHZ SMD STANDARD RECOVERY DIODES 标准恢复二极 330 A, 1600 V, SILICON, RECTIFIER DIODE, DO-205AB DIODE 330 A, 2000 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode
|
http:// IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
25FR120 25FR120M A25FR120 A25FR120M 25FR100 25FR10 |
100V 25A Std. Recovery Diode in a DO-203AA (DO-4)package From old datasheet system 800V 25A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARDRECOVERYDIODES 400V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 标准恢复二极 STANDARD RECOVERY DIODES
|
IRF[International Rectifier] InternationalRectifier
|
16FR120 16FR100 16F60 16F100 16F8 A16FR60M A16F10 |
1200V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 100V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 16A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARD RECOVERY DIODES
|
IRF[International Rectifier]
|
SD150N20MBC SD150N20MBV SD150N20MC SD150N20MSC SD1 |
STANDARD RECOVERY DIODES 标准恢复二极 2500V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
240UR060D 240UR120D 240U060D 240U080D 240U100D 240 |
1200V 320A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 320A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 320A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 320A Std. Recovery Diode in a DO-205AB (DO-9)package STANDARD RECOVERY DIODES 标准恢复二极 DIODE 320 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AB, HERMETIC SEALED, METAL, DO-9, 2 PIN, Rectifier Diode 320 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AB 320 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Semiconductors
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
80PFR120W 82PFR120W |
800V 80A Std. Recovery Diode in a DO-5 package 1200V 80A Std. Recovery Diode in a DO-5 package
|
International Rectifier
|
1N3735 1N3736 1N3737 1N3738 1N3739 1N3741 1N3742 1 |
DIODE 250 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AB, DO-9, 1 PIN, Rectifier Diode DIODE 250 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB, DO-9, 1 PIN, Rectifier Diode DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE, DO-205AB, DO-9, 1 PIN, Rectifier Diode 1000V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 500V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 300V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 250A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 250A Std. Recovery Diode in a DO-205AB (DO-9)package DIODE 250 A, 400 V, SILICON, RECTIFIER DIODE, DO-205AB, DO-9, 1 PIN, Rectifier Diode
|
Vishay Semiconductors International Rectifier
|
X4005S8 X4005S8-1.8 X4005S8-2.7 X4005S8-2.7A X4005 |
RTC Module With CPU Supervisor 时钟模块CPU监控 DIODE, STUD 95A 400VDIODE, STUD 95A 400V; Voltage, Vrrm:400V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Cathode MODULE DROP IN FOR XE1203 868MHZ Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):70A; Non Repetitive Forward Surge Current Max, Ifsm:1150A; Forward Voltage Max, VF:1.5V; Package/Case:DO-203AB THYRISTOR, CAPSULE, 550A; Thyristor/Triac type:Thyristor; Voltage, Vdrm:1200V; Current, It rms:1200A; Current, Itsm:9000A; Current, Igt:250mA; Voltage, Vgt:1.65V; Case style:TO-200; Current, It av:550A; Diameter, External:41mm; RoHS Compliant: Yes
|
Intersil, Corp. XICOR[Xicor Inc.]
|
|