PART |
Description |
Maker |
TLE4241GM07 |
LED Driver with Adjustable Current
|
Infineon Technologies AG
|
NSI45090JD |
LED Driver, Adjustable Constant Current Regulator, 45 V, 90 mA
|
ON Semiconductor
|
ZXLD1937ET5 |
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
|
Diodes Incorporated
|
MAX1680009 MAX16800ATE/V |
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
|
Maxim Integrated Products
|
AL5801Q |
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
|
Diodes
|
ZXLD1100 |
Adjustable LED driver with internal switch & open circuit protection
|
Zetex Semiconductors
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
CY7C0240411 CY7C025-55JXC CY7C025-55JXI CY7C025 CY |
4K x 18 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K的18双PortStatic RAM的扫描电镜,廉政,忙(带扫描电镜,廉政,忙输入端的的4K的18双端口静态RAM)的 8K x 18 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K x 16 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 8K x 16 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor Corp.
|
M74HC42 M74HC42RM13TR M74HC42TTR M74HC42B1R M74HC4 |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85 BCD TO DECIMAL DECODER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TLE4242G07 |
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
|
Infineon Technologies AG
|
LT3463 LT3465 LT3466 LT3466-1 LT1932 LT3473 LT3498 |
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN LED DISPLAY DRIVER, PDSO12
|
Linear Technology, Corp.
|