PART |
Description |
Maker |
SF37G SF38G |
SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
|
Yea Shin Technology Co., Ltd Yea Shin Technology Co....
|
LM317M ON0307 LM317MBSTT1 |
From old datasheet system Three-Termlnal Adjustable Output Posltlve Voltage Regulator Three-Terminal Adjustable Output Positive Voltage Regulator
|
ON Semiconductor
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
ET-IL317L |
100 mA Adjustable output Positive Voltage Regulator 100 mA Adjustable Output Positive VoltageRegulator
|
Estek Electronics Co. Ltd
|
ICM7377BQ ICM7357B ICM7357BQ ICM7357BQG ICM7337B I |
Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
|
IC MICROSYSTEMS
|
AP431L-7 AP431L-B AP431AL-13 AP431AL-7 AP431AL-A A |
ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO5
|
http:// DIODES[Diodes Incorporated] Diodes Inc. 稳压 Diodes, Inc.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
LNT1C104SEG LNT1A105SEG LNT1A473SEG LNT1C105SEG LN |
Single, Low Voltage, Rail-to-Rail Output Operational Amplifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 2 A, 30 V Schottky Rectifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 铝电解电容器 5 V ECL 4-Input OR/NOR 铝电解电容器 3-32 V Dual Operational Amplifier 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 3.3 V / 5 V ECL 4 Divider 铝电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
IDT74AUC16245 IDT74AUC16245BVI IDT74AUC16245PAI ID |
Adjustable Precision Shunt Regulator 6-SC70 0 to 70 1.8V CMOS6位总线收发器和三态输 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 AUC SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAX757 |
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters(???,楂????姝ュ?DC-DC?????
|
Maxim Integrated Products, Inc.
|