PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
4551GROUP E4551 M34551M8 M34551 M34551E8 M34551M4 |
4-BIT SINGLE-CHIP MICROCOMPUTER From old datasheet system SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER FOR INFRARED REMOTE CONTROL TRANSMITTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
H838600R H8_38600R HD64338600R |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD78054GC-XXX-3B9 UPD78055GC-XXX-3B9 UPD78053GCA- |
8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制 8-BIT SINGLE-CHIP MICROCOMPUTER
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|
UPD70320 UPD70320GJ-5BG UPD70320GJ-8-5BG UPD70320L |
16/8-bit single-chip microcomputer V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|
UPD75P3116GK-8A8 UPD753012AGK-XXX-BE9 UPD753016AGK |
75XL series 4-bit single-chip microcomputer with LCD & 5 timer 4-bit single chip microcomputer
|
NEC
|