PART |
Description |
Maker |
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SMDJ100A SMDJ110A SMDJ130A SMDJ120A SMDJ150 SMDJ17 |
100.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 110.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 130.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 120.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 150.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 170.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 160.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
SMAJ530-E3_5A SMAJ530-E3_61 SMAJ530HE3_5A SMAJ530H |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SMBJ3V3-E3_5B SMBJ3V3HE3_52 SMBJ3V3HE3_5B SMBJ3V30 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CMATVS3V3 |
SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
|
Central Semiconductor C...
|
SMA5J30 SMA5J30A SMA5J33 SMA5J33A SMA5J36 SMA5J36A |
High Power Density Surface Mount TRANSZORB? Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB庐 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
SMAJ550 SMAJ530 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
GE[General Semiconductor]
|
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
MSPSMCGLCE17ATR JANMQSMCGLCE24ATR JANMQSMCJLCE24AT |
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500瓦的低电容表面贴装瞬态电压抑制器
|
Microsemi, Corp.
|
1SMB15CAT3G 1SMB15CAT3 |
PT 1.5/15-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V/ 600 W PEAK POWER
|
ONSEMI[ON Semiconductor]
|
|