PART |
Description |
Maker |
ASS-ASB |
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
|
StarHope
|
C122N |
Silicon controlled rectifier. Reverse blocking triode thyristor. 8 A RMS. Repetitive peak off-state voltage and repetitive peak reverse voltage 800 V.
|
Motorola
|
1SV216 |
Reverse Voltage VR 30 V Peak Reverse Voltage VRM 35 (RL = 10K ) V
|
TY Semiconductor Co., Ltd
|
V18MLE0603L V18MLE0402 MLE V18MLE1206 V18MLE0603 V |
Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC. 7 in diameter reel. Surface mount varistor. Ag/Pt. Max continuous working voltage: 18VDC. Bulk pack. Multilayer Transient Voltage Suppressor Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC. 7in diameter reel.
|
LITTELFUSE[Littelfuse]
|
1.5KE300A 1.5KE400A 1.5KE440 1.5KE400CA 1.5KE440C |
REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
|
WILLAS ELECTRONIC CORP
|
FTD182 |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
|
FCI connector First Components International
|
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors 500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors STANDOFF,M-F,1/4H,4-40X.25SS Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
|
On Semiconductor
|
SR820R |
Schottky barrier rectifier. Case negative. Maximum recurrent peak reverse voltage 20 V. Maximum average forward rectified current 8.0 A.
|
Bytes
|
NTE6006 NTE6007 NTE6008 NTE6009 NTE6011 NTE6010 |
Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Cathode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 200V. Average rectified forward current 40A. Fast Recovery Rectifier / 40A / 200ns Fast Recovery Rectifier 40A 200ns Fast Recovery Rectifier, 40A, 200ns
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
DTV56 DTV56B DTV56F |
High Voltage Damper Diodes, Forward Current 10A, Reverse Recovery Time 135ns, Reverse Voltage 1500V
|
Vishay
|
90200-90399 9050R-9099R |
High Working Voltage: 50 V
|
M/A-COM Technology Solu...
|
BYS459B-1500S BYS459-1500S BYS459F-1500S BYS459-15 |
10 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC PLASTIC PACKAGE-2 High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 10A Reverse Recovery Time 220ns
|
Vishay Beyschlag VISAY[Vishay Siliconix]
|