PART |
Description |
Maker |
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PFR0 |
Fast Recovery Axial Rectifier. 1000 V. Io=01.6 A Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(反向电压1000V,平均正向电.6A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
FFP10U20DN FFP10U20DNTU |
10A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER FAST RECOVERY POWER FECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
FFAF30U20DN FFAF30U20DNTU F30U20DN |
FFAF30U20DN 30A/200V Ultra Fast Recovery Rectifier Ultrafast Recovery Power Rectifier 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
20ETF12STRR 20ETF08S 20ETF08STRL 20ETF08STRR 20ETF |
FAST SOFT RECOVERY RECTIFIER DIODE 800V Fast Recovery Diode in a D2-Pak package 1200V Fast Recovery Diode in a D2-Pak package 1000V Fast Recovery Diode in a D2-Pak package DIODE 20 A, 1200 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|