PART |
Description |
Maker |
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|
FS1A FS1B FS1D FS1G FS1J FS1K FS1M |
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts FAST RECOVERY RECTIFIER
|
Shenzhen Ping Sheng Electronics Co., Ltd. PFS & MIC
|
QRF1430T30 QRC1430T30 QR1430T30 QRD1430T30 |
Fast Recovery Diode Module (300 Amp/1400 Volts) 快速恢复二极管模块00 Amp/1400伏特
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
CMR3U-01M10 CMR3U-04M CMR3U-02M CMR3U-10M CMR3U-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
NTE5825 NTE5818 NTE5819 NTE5823 |
Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 600V. Non-repetitive peak reverse voltage 660V. Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp Silicon Power Rectifier Stud Mount Fast Recovery 12 Amp Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 200V. Non-repetitive peak reverse voltage 250V.
|
NTE[NTE Electronics]
|
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
MFS116 MFS112 MFS114 |
1 AMP FAST RECOVERY RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
FR601 FR607 FR606 |
6.0 AMP FAST RECOVERY RECTIFIERS
|
UNIOHM CORPORATION
|
FSDG-800-2B FSDG-800-1B |
8 AMP FAST RECOVERY RECTIFIERS
|
DIOTEC Electronics Corporation
|
1N4933 |
1.0 AMP. Fast Recovery Rectifiers
|
Taiwan Semiconductor Company, Ltd
|