PART |
Description |
Maker |
1N643 JAN1N643 1N662 |
Fast Rectifier (100-500ns) Standard Rectifier (trr more than 500ns)
|
Microsemi
|
UTX105 UTX110 UTX125 UTX205 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N5190US |
Fast Rectifier (100-500ns)
|
Microsemi
|
JAN1N3891 JAN1N3891R JANTX1N3891 JANTXV1N3891 JANT |
Fast Rectifier (100-500ns)
|
Microsemi
|
PR1007L PR1001 PR1001G_1 PR1001G-A PR1001G-B PR100 |
RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir A405 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
SDR620CAM SDR620CAZ SDR620DZ |
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc.
|
SDR815 SDR812 |
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 900 V, SILICON, RECTIFIER DIODE, DO-5 100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid State Devices, Inc.
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CMR3U-01M CMR3U-10M CMR3U-02M CMR3U-04M CMR3U-06M |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS SMD Ultra Fast Rectifier Single
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
|