PART |
Description |
Maker |
HA-2520 HA-2522 HA-2525 |
Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 8mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Offset Voltage Drift
|
Intersil
|
HA7-2529_883 HA-2529883 HA-2529_883 HA7-2529/883 H |
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HA3-2525-5Z |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
|
Intersil Corporation
|
HA3-2839-5 HA3-2839-9 HA-2839_883 FN3593 HA1-2839- |
From old datasheet system Very High Slew Rate, Wideband Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate/ Wideband Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
HA1-2539-2 HA1-2539-5 HA-2539 HA3-2539-5 FN2896 |
600MHz, Very High Slew Rate Operational Amplifier From old datasheet system 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate
Operational Amplifier(600MHz、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
SL541 SL541BCM SL541NAIC SL541BDG |
HIGH SLEW RATE OPERATIONAL AMPLIFIER
|
ZARLINK[Zarlink Semiconductor Inc]
|
|