PART |
Description |
Maker |
AD7665ASTRL |
16-Bit/ 570 kSPS CMOS ADC TV 8C 8#20 PIN PLUG 16位,570 kSPS的的CMOS模数转换
|
Analog Devices, Inc.
|
AD7650-15 |
16-Bit, 570 kSPS Low Cost CMOS ADC
|
Analog Devices
|
AD7679 AD7650 AD7651 AD7671 AD7660 |
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC 16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
|
Analog Devices
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD976A AD976AAN AD976AAR AD976AARS AD976ABN AD976A |
25V; 700mW; 16-bit, 100kSPS/200kSPS BiCMOS A/D converter 16-Bit/ 100 kSPS/200 kSPS BiCMOS A/D Converters 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 16-Bit, 200 kSPS, Parallel I/O A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 16-Bit, 200 kSPS, Parallel I/O A/D Converter; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
AD977 AD977A AD977AAN AD977AAR AD977AARS AD977ABN |
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
|
AD[Analog Devices]
|
AD7660 |
16-Bit 100 kSPS CMOS Successive Approximation PulSAR ADC with No Missing Codes
|
Analog Devices
|
CS5102A-BLZ CS5102A-JLZ CS5101A-BL8Z CS5101A-JL8Z |
16-bit, 100 kSps / 20 kSps A/D Converters
|
Cirrus Logic
|
AD7923BRU EVAL-AD7923CB2 AD7923 |
Four Wall Header; No. of Contacts:60; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel 200 kSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
ADC AD[Analog Devices]
|
AD7910AKS-500RL7 AD7920AKS-500RL7 AD7920AKS-REEL7 |
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70 250 kSPS的,10-/12-Bit模数转换引脚SC70 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6
|
Analog Devices, Inc.
|