PART |
Description |
Maker |
G6B-1174C-US G6B-1174CUS12VDC G6B-1174CUS24VDC G6B |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel RESISTOR,1%,6.04K OHM,MTL FILM RELAY SOFTSTART 25A 120VAC ACOUT Analog Input Power Controller Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 超小型继电器,开关多 Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 20V; Case Size: 7.3x2.8 mm; Packaging: Tape & Reel 超小型继电器,开关多 FILTER, SSR 3 PHASE 超小型继电器,开关多 Sub-miniature Relay that Switches up to 5 A 超小型继电器,开关多5
|
Omron http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
TG-110 TG-112 TG-115 TG-117 TG-124 TG-123 TG-181 T |
HIGH ENERGY SPARK GAP DEVICES 高能火花隙装 Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 6.3V; Case Size: 2x1.25 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel HIGH ENERGY SPARK GAP DEVICES
|
Clare Inc CLARE[Clare, Inc.] CLARE[Clare Inc.]
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
TAJB106K016YNJ TAJC226K025Y |
CAP 10UF 16V 10% TANT SMD-3528-21 TR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
AVX, Corp.
|
KA431LZ KA431A KA431AD KA431AZ KA431Z KA431S KA431 |
Programmable Shunt Regulator Tantalum Molded High Reliability Capacitor; Capacitance: 4.7uF; Voltage: 10V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDIP8 Tantalum Molded High Reliability Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 可编程并联稳压器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
TPME686M025R0045 TPME686M025R0055 |
CAP TANT LOESR 68UF 25V 20% SMD CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 68 uF, SURFACE MOUNT, 2917 CAP 68UF 25V 20% TANT SMD-7343-43 TR-7-PL LOWESR-55 MULTI-ANODE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 68 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
T491A106K016ATAUTO |
Capacitor, Tantalum, SMD, MnO2, Molded, Auto, AEC-Q200, 10 uF, 3216, /-10% Tol, 16 V (85C)
|
Kemet Corporation
|
T521X107M025ATE060 |
Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 100 uF, 7343, /-20% Tol, 25 V (105C)
|
Kemet Corporation
|
T495X227K016ZTE100 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
|
Kemet Corporation
|
T520B227M006ATE035 |
KEMET Organic Capacitor (KO-CAP) ?Low ESR T520 Series Polymer Tantalum
|
Kemet Corporation
|
KBU1010G KBU1008G KBU1000G KBU1001G KBU1002G KBU10 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Bulk SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
|
济南固锝电子器件有限公司 Fuji Electric JGD[Jinan Gude Electronic Device]
|
KBA-40 KBA-20 KBA-20_40 KBA-2040 |
Surface Mount Frequency Doublers 1.6 to 4.8 GHz Tantalum Molded Capacitor; Capacitance: .68uF; Voltage: 25V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
http:// MINI[Mini-Circuits]
|
|