PART |
Description |
Maker |
LTC1564 1564F LTC1564CG LTC1564IG |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A From old datasheet system 8th Order, 150kHz, Elliptic, Digitally Controlled Antialiasing Filter and 4-Bit PGA
|
Linear Technology
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
DS1050 DS1050U-001 DS1050U-005 DS1050U-010 DS1050U |
5 Bit Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz SPECIALTY ANALOG CIRCUIT, PDSO8 240 x 64 pixel format, CFL, LED, or EL Backlight available "10kHz, 5-Bit Programmable Pulse Width Modulator" "?5kHz, 5-Bit Programmable Pulse Width Modulator" "1kHz, 5-Bit Programmable Pulse Width Modulator" "?1kHz, 5-Bit Programmable Pulse Width Modulator" 5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
CX1V |
Frequency Range 10kHz to 600kHz
|
EUROQUARTZ limited
|
CX1VSM |
Frequency Range 10kHz to 600kHz
|
EUROQUARTZ limited
|
MAX2990ECB MAX2990 |
10kHz to 490kHz OFDM-Based Power Line Communication Modem
|
Maxim Integrated Products
|
IRFY430M-T257 |
Publications, Books RoHS Compliant: NA N-Channel Power MOSFET For HI-REL Application(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)(N沟道功率MOS场效应管,HI-REL应用(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
MAX2992GCB MAX2992GCV |
G3-PLC MAC/PHY Powerline Transceiver Operating Frequency from 10kHz to 490kHz
|
Maxim Integrated Products
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|