PART |
Description |
Maker |
M40Z111 M40Z111MH6 M40Z111MH6TR M40Z111WMH6 M40Z11 |
NVRAM CONTROLLER FOR UP TO TWO LPSRAM 5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|
DS1380N DS1380SN |
NVRAM (Battery Based)
|
|
DS1646-120 DS1646P-120 |
NVRAM (Battery Based) NVRAM中(基于电池
|
Maxim Integrated Products, Inc.
|
M41T56C64MY6F |
Serial Real Time Clock with 56 bytes of NVRAM 64 Kbit (8192 bit x 8) EEPROM
|
意法半导
|
M41T56C64MY6F M41T56C64 M41T56C64MY6E |
Serial Real Time Clock with 56 bytes of NVRAM 64 Kbit (8192 bit x 8) EEPROM(56 bytes NVRAM4 Kbit (8192 bit x 8) EEPROM的串行实时时 Serial Real Time Clock with 56 bytes of NVRAM 64 Kbit (8192 bit x 8) EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
M40Z300MH1E M40Z300MH1F M40Z300MH6E M40Z300MH6F M4 |
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
|
STMicroelectronics
|
M40Z111 M40Z111MH M40Z111SH M40Z111W M40Z111WMH M4 |
NVRAM CONTROLLER for up to TWO LPSRAM
|
意法半导 STMicroelectronics
|
M40Z300W 5679 |
NVRAM CONTROLLER for up to EIGHT LPSRAM From old datasheet system
|
STMicro
|