PART |
Description |
Maker |
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
LX8384-XXIDT-TR LX8384A-XXCDD-TR LX8384A-XXCDT-TR |
5A Low Dropout Positive Regulators Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Microsemi Corporation http:// Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
NCV5501DT50G NCV5501DT50RKG NCP5501DT33RKG NCP5500 |
500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.0 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.3 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO4 500 mA Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.073 V DROPOUT, PSSO4
|
ON Semiconductor
|
MIC29150-3.3WT MIC29150-3.3WU MIC29150-12WT MIC291 |
High-Current Low-Dropout Regulators IC REG LDO 1.5A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 IC REG LDO 3A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 High-Current Low-Dropout Regulators
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
|