PART |
Description |
Maker |
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
FFPF30U60S FFPF30U60STU FFPF30U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
1F1G 1F2G 1F3G 1F4G 1F5G 1F6G 1F7G |
Fast Recovery Pack: R-1 FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
SRGPP10Y |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1600V CURRENT: 1.0A
|
Gulf Semiconductor
|
EU02D EU02G EU02J |
Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
3W2 3RW 3RW2 3RW3 3RW2.5 3W2.5 |
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
|
http:// Electronic devices inc.
|
HTDR-3 |
300 NANOSECOND AT HIGH TEMPERATURE- FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
|
Electronic devices inc.
|
FBR3 FB5 FBR3.5 |
HIGH VOLTAGE, HIGH CURENT, STANDARD & FAST RECOVERY, SILICON RECTIFIER DIODES
|
Electronic devices inc. Electronic Devices, Inc.
|
APT2X60DQ100J |
High Voltage Fast Recovery Diode
|
Microsemi
|