PART |
Description |
Maker |
SG8020 |
IGBT Gate Drive Optocouple
|
Solid State Optronic
|
PS2561-1-V PS2561-1 PS2561L-1-V-E4 PS2561-2-V-E4 P |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP
|
NEC, Corp. Duracell California Eastern Laboratories, Inc. NEC Electron Devices
|
6N135.W 6N136.SD 6N136.SDL 6N136.R2 6N135.R2 HCPL- |
3.0V/3.3V Microprocessor Supervisory Circuits 3V Voltage Monitoring, Low-Cost, µP Supervisory Circuits NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输DC -输入光耦合
|
DB Lectro, Inc.
|
IS206 IS206X IS205X IS205 IS205X-SM IS206X-SM |
NPN-OUTPUT DC-INPUT OPTOCOUPLER NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] ISOCOM
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
LTV702VA LTV-702V LTV-702VM LTV-702VS LTV-702VS-TA |
NPN-OUTPUT DC-INPUT OPTOCOUPLER Directly connectable to TTL 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Lite-On Technology Corporation LITE-ON Electronics, Inc. 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON ELECTRONICS INC
|
PS2571L1V-E4 PS2571L1V-F3 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合
|
BI Technologies, Corp.
|
PS2733-1-V-F4 PS2733-4-V PS2732-1-V-E4 PS2733-1-V- |
DARLINGTON-NPN-OUTPUT DC-INPUT OPTOCOUPLER 达林 npn型输出DC -输入光耦合
|
California Eastern Laboratories, Inc.
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
PC410T PC410Z PC410 |
NPN-OUTPUT AC-INPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,SO From old datasheet system
|
Sharp Corp
|