PART |
Description |
Maker |
UTR4420 UTR4410 UTR6420 UTR6410 UTR6410HR2 UTR6430 |
Fast Rectifier (100-500ns) RECTIFIERS Standard Rectifier (trr more than 500ns)
|
Microsemi
|
1N643 JAN1N643 1N662 |
Fast Rectifier (100-500ns) Standard Rectifier (trr more than 500ns)
|
Microsemi
|
40SL05 40SL8 40SL 40SL1 40SL10 40SL2 40SL4 40SL5 4 |
4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES 4 A, 400 V, SILICON, RECTIFIER DIODE 20 characters x 1 Lines, 5x7 Dot Matric Character and Cursor Fast Rectifier (100-500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
UTR60 UTR61 UTR62 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N5190US |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N3913 |
Fast Rectifier (100-500ns)
|
Microsemi
|
VHE240 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N3913R 1N3912R 1N3912 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N5190E3 1N5188E3 1N5186E3 1N5187E3 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N3881E3 1N3881RE3 1N3880E3 1N3880RE3 1N3879E3 1N3 |
Fast Rectifier (100-500ns)
|
Microsemi
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|