PART |
Description |
Maker |
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
IDT74LVC574A 74LVC574A_DS_31950 IDT74LVC574ASO IDT |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
HER103L HER103LG HER107L HER107LG HER104L HER104LG |
Octal D-type Transparent Latches With 3-State Outputs 20-CDIP -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-LCCC -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-CDIP -55 to 125 Asynchronous 14-Bit Binary Counters 20-LCCC -55 to 125 1.0安培。玻璃钝化高效整流二极管 1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS 1.0安培。玻璃钝化高效整流二极管 Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 1.0安培。玻璃钝化高效整流二极管 Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
HD74LV273A |
Octal D-type Edge-triggered Flip-Flops with Clear
|
Hitachi Semiconductor
|
MM74HC574 MM74HC574MTCX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
MM74HC574MTC MM74HC574WM MM74HC574SJ MM74C574MTC M |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74LS273 74LS273 |
Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
|
HITACHI[Hitachi Semiconductor]
|
74LS273 M74LS273P 74273 |
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
U74HC574G-S20-R U74HC574G-P20-R U74HC574G-R20-R U7 |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|