PART |
Description |
Maker |
C8106 |
Tinned Copper conductor, FEP Insulation, conductors cabled, overall foil shied and FEP Jacketed Plenum Cable
|
General Cable Technologies Corporation
|
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
10A02 10A06 10A07 10A05 10A04 10A03 |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:80ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 10A RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
1203-13-9 |
FOR USE TIMES M-2831 & FEP 226 CABLE
|
Winchester Electronics Corp...
|
C3153 |
3P 24 7/32 TC FEP OAS FLEX PVDF TYPE CMP
|
General Cable Technolog...
|
1346005 |
22 AWG stranded (7x30) TC conductor, FEP insulation
|
List of Unclassifed Man...
|
1344189 |
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
|
List of Unclassifed Man...
|
82723 82723877U1000 82723877U2000 827238775000 827 |
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
|
List of Unclassifed Man...
|
C8105 |
Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
|
General Cable Technologies Corporation
|