PART |
Description |
Maker |
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
HYS72D128020GR-7-B HYS72D128021GR-7-B HYS72D128020 |
Modular Connector; No. of Contacts:8; Approval Categories:Fire-Retardant UL 94V-0 Rated; Body Material:Plastic; Color:Blue; Contact Material:Phosphor Bronze; Contact Termination:Punchdown RoHS Compliant: Yes Connector Wall Plate; Color:White; Leaded Process Compatible:Yes; No. of Ports:4 RoHS Compliant: Yes Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:6 RoHS Compliant: Yes 2.5 V 184-pin Registered DDR-I SDRAM Modules 2.584针注册的DDR - SDRAM内存模块 Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:2 RoHS Compliant: Yes 2.584针注册的DDR - SDRAM内存模块
|
Infineon Technologies AG Infineon Technologies A...
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SM6702-27HB SM6702-30HA SM6702-33HB SM6702 SM6702- |
Switches; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PFM Step-up DC/DC Converter
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
SM625HRR SM627R SM625 SM625R SM626 SM626HRR SM626R |
Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No SWITCHING REGULATOR POWER OUTPUT STAGES
|
MICRO-ELECTRONICS[Micro Electronics]
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|
AM29F010B70JC AM29F010B70EI AM29F010B70EE AM29F010 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory Am29F010B KGD (Known Good Die) Supplement Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:3.3mcd RoHS Compliant: Yes 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaP; LED Color:Green; Leaded Process Compatible:Yes; Luminous Intensity:2.8mcd RoHS Compliant: Yes 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 LCD Character display; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
ETC Advanced Micro Devices Spansion, Inc.
|
S-2402-CCT |
Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 2 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
IDT70V5378S166BCI IDT70V5378S166BGI IDT70V5388S166 |
Ultrasonic Sensor; Sensing Range Max:500mm; Sensor Terminals:Quick Disconnect; Sensor Output Type:PNP; Frequency:300kHz; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Range Min:50mm; Supply Voltage:30VDC Ultrasonic Sensor; Sensing Range Max:500mm; Sensor Terminals:Cable; Sensor Output Type:PNP; Frequency:300kHz; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Range Min:50mm; Supply Voltage:30VDC Proximity Sensor; Sensor Input Type:Optical; Sensing Range Max:150mm; Leaded Process Compatible:No; Output Type:PNP; Peak Reflow Compatible (260 C):No 3.3V 64/32K X 18 SYNCHRONOUS FOURPORT STATIC RAM 32K X 18 FOUR-PORT SRAM, 3 ns, PBGA256
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|