PART |
Description |
Maker |
MAX4435 MAX4436 MAX4434ESA MAX4434 MAX4435EUK-T MA |
" Single- Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps in SOT23 Package" "Single- Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps" Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1116 LT1116C LT1116CN8 LT1116CS8 |
12ns,Single Supply Ground-Sensing Comparator(12ns,单电源接地感应比较器) From old datasheet system 12ns, Single Supply Ground-Sensiing Comparator 12ns/ Single Supply Ground-Sensiing Comparator 4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX1144 MAX1144-BMAX1145 MAX1144-MAX1145 MAX1145BE |
14-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 14-Bit ADCs.150ksps.3.3V Single Supply "14-Bit ADCs, 150ksps, 3.3V Single Supply"
|
ADC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
AD7853 AD7853AN AD7853AR AD7853ARS AD7853BN AD7853 |
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC
|
AD[Analog Devices]
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MAX1084 MAX1084ACSA MAX1084AESA MAX1084BCSA MAX108 |
400ksps/300ksps / Single-Supply / Low-Power / Serial 10-Bit ADCs with Internal Reference From old datasheet system " 400ksps/300ksps, Single- Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference" 400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference 400ksps/300ksps、单电源、低功耗、串0位ADC,内置电压基
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX1284 MAX1284BCSA MAX1284BESA MAX1284-MAX1285 MA |
Enhanced Product 1.5 Degrees C Accurate Digital Temperature Sensor W/Spi Interface 6-SOT-23 -40 to 125 400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference 400ksps/300ksps / Single-Supply / Low-Power / Serial 12-Bit ADCs with Internal Reference
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5236 MAX5237 MAX5236-MAX5237 MAX5237EUB MAX5236 |
"Single-Supply 3V/5V, Voltage- Output, Dual, Precision 10-Bit DACs" Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs 单电3V/5V,电压输出,双路,精0位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL84515IB ISL84515 ISL84515IB-T ISL84515IH-T ISL8 |
512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,单电源,聚苯乙烯,模拟开 SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 10M Low-Voltage, Single Supply, SPST, Analog Switches Low-Voltage/ Single Supply/ SPST/ Analog Switches Low-Voltage Single Supply SPST Analog Switches Analog Switch, SPST, Single, NOpen, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V Analog Switch, SPST, Single, NClosed, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|