PART |
Description |
Maker |
MAX6821 MAX6822 MAX6823 MAX6824 MAX6825 MAX6823SUK |
2.93 V, low-power mP supervisor with manual reset and watchdog timer Low-Voltage SOT23 ?? Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 ?P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer 8-Bit Shift Registers With Input Latches 20-LCCC -55 to 125 Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 2.63 V, low-power mP supervisor with manual reset and watchdog timer
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
ADM697 ADM696 ADM696AR ADM696AN |
Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP16 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 P Supervisor with Backup Battery Switchover, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current P Supervisor with Chip Enable Signals, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current
|
Analog Devices, Inc.
|
UM706 UM706RS UM706LS UM706SS |
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
|
Union Semiconductor, In...
|
TC32M_06 TC32MCDB TC32MCDB713 TC32MCZB TC32MEDB TC |
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
|
MICROCHIP[Microchip Technology]
|
X5325 X5323 |
CPU supervisor with selectable watchdog timer, adjustable low voltage reset, active high reset CPU supervisor with selectable watchdog timer, adjustable low voltage reset, active low reset
|
Xicor
|
ISL8870506 ISL88813IP846Z ISL88705 ISL88705IB846Z |
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
|
http:// INTERSIL[Intersil Corporation]
|
5962-8861006YA 5962-8861009UA 5962-8861007UA 5962- |
Low-Voltage SPI/3-Wire RTCs with Trickle Charger I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output x16双端口SRAM x16 Dual-Port SRAM x16双端口SRAM
|
3M Company Rochester Electronics, LLC Glenair, Inc.
|
MC74F245DW MC74F245N MC54F245J MC54_74F245 ON1266 |
Automotive Catalog Supply Voltage Supervisor w/Watchdog Input, RESET, /RESET 5-SOT-23 -40 to 125 F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS FAST SCHOTTKY TTL
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola Inc] Motorola, Inc
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|