PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
SGH80N60UFD SGH80N60UFDTU |
Discrete, High Performance IGBT with Diode Ultrafast IGBT 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 80 A, 600 V, N-CHANNEL IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
1MBC03-120 |
Fuji Discrete Package IGBT 5 A, 1200 V, N-CHANNEL IGBT, TO-220AB
|
Fuji Electric Holdings Co., Ltd. http://
|
SGW23N60UF SGW23N60UFTM |
Discrete, High Performance IGBT Ultra-Fast IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
1MB30-060 |
Fuji Discrete Package IGBT 48 A, 600 V, N-CHANNEL IGBT, TO-3P
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
IRG4PF50W-EPBF IRG4PF50W |
900V Warp 20-100 kHz Discrete IGBT in a TO-247AC package 51 A, 900 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN
|
International Rectifier Vishay Intertechnology, Inc.
|
SGS23N60UFD SGS23N60UFDTU |
High speed switching Ultra-Fast IGBT Discrete, High Performance IGBT with Diode
|
FAIRCHILD[Fairchild Semiconductor]
|
TSG60N100CE |
Discrete Devices-IGBT-IGBT
|
Taiwan Semiconductor
|
IRG4PC60U-P |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC Solder Plate package
|
IRF[International Rectifier]
|
SGL50N60RUFD SGL50N60RUFDTU |
Discrete, Short Circuit Rated IGBT with Diode Short Circuit Rated IGBT 80 A, 600 V, N-CHANNEL IGBT, TO-264AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
|