PART |
Description |
Maker |
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FTR-C210 FTR-C2CB012G FTR-C2GA012G FTR-C2GB012G FT |
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap POWER/SIGNAL RELAY, DPDT, LATCHED, 0.03A (COIL), 5VDC (COIL), 150mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
DF22L-5P-7.92DS05 DF22-5P-7.92DS05 DF22-5P-7.92DSA |
5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TüV Listed)
|
HIROSE ELECTRIC Co., Ltd.
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
BOT-3D-110/120VDC BOT-6A-48VAC BOT-3A-48VAC BOT-3D |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.024A (COIL), 120VDC (COIL), 2880mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.171A (COIL), 12VDC (COIL), 2052mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.115A (COIL), 26.5VDC (COIL), 3047.5mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.75A (COIL), 3VDC (COIL), 2250mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. ALLIED CONTROLS INC
|
240-034-6-9PC 240-034-6-9PP 240-034-6-37PC 240-034 |
Micro-D Filter Connectors Right Angle Printed Circuit Board 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 37 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 9 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
TQ2L25V TQ2SL-4.5V TQ2SA-12V TQ2SA-L-12V TQ2-2M-24 |
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806 POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.012A (COIL), 12VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 12VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.094A (COIL), 1.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, LATCHED, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.023A (COIL), 3VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor
|
02-09-1138 |
Crimp Socket Contact; Wire Size (AWG):22-24; Contact Material:Brass; Contact Termination:Crimp BRASS, WIRE TERMINAL
|
Molex, Inc.
|
WOF-23-6070 |
POWER/SIGNAL RELAY, MOMENTARY, 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
MITSUMI ELECTRIC CO., LTD.
|
F61A2100 F61A5100 F61A7100 |
REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
|
celduc-relais
|
|