PART |
Description |
Maker |
1SMC5380 1SMC5381 1SMC5368 1SMC5365 1SMC5362 1SMC5 |
RESISTOR,10K,603 surface mount silicon Zener diodes 硅表面贴装齐纳二极管 SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
|
PanJit International Inc. PanJit International, Inc. Pan Jit International Inc.
|
1N5226B 1N5242B 1N5241B 1N5253B 1N5244B 1N5248B 1N |
Leaded Zener Diode General Purpose 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 140 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 FKC 2.5/2-STF ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL/ 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500ML, 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL 5% TOLERANCE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
CMZ5377B CMZ5376B CMZ5375B CMZ5347B CMZ5359B CMZ53 |
surface mount silicon Zener diodes 91 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 87 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 82 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 10 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 24 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 160 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp
|
CLL4744A CLL4750A CLL4733A CLL4759A CLL4764A CLL47 |
1W Zener Diode(齐纳电压24V,1W齐纳二极 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 82 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1W Zener Diode(齐纳电压22V,1W齐纳二极 22 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1W Zener Diode(齐纳电压15V,1W齐纳二极 1W Zener Diode(齐纳电压5.6V,1W齐纳二极 1W Zener Diode(齐纳电压100V,1W齐纳二极 1W Zener Diode(齐纳电压33V,1W齐纳二极 1W Zener Diode(齐纳电压30V,1W齐纳二极 1W Zener Diode(齐纳电压27V,1W齐纳二极 1W Zener Diode(齐纳电压16V,1W齐纳二极 1.0W ZENER DIODE 5% TOLERANCE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MLL957B MLL960B MLL976B MLL983B MLL979B MLL992B ML |
surface mount silicon Zener diodes LEADLESS GLASS ZENER DIODE SURFACE MOUNT Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE http:// MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
1SMB5915BT 1SMB5956BT3 1SMB5915BT3 ON0034 1SMB5913 |
3W Plastic Surface Mount Silicon Zener Diode(3W塑料表贴封装齐纳二极 3.3 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE From old datasheet system 3 WATTS 3.3-00 VOLTS 3 Watt Plastic Surface Mount Zener Voltage Regulators
|
Motorola Mobility Holdings, Inc. ON Semi ONSEMI
|
AZ23C3V0 AZ23C2V7 AZ23C AZ23C3V6 AZ23C6V8 TDSL110 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 From old datasheet system 300 mW Dual Surface Mount Zener Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] TFUNK[Vishay Telefunken]
|
DL4738A DL4731A DL4744A DL4753A DL4732A DL4747A DL |
Surface Mount M.E.L.F ZENER DIODE RES 2.37K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
BZX2C15V BZX2C8V2 BZX2C7V5 BZX2C6V2 BZX2C4V7 BZX2C |
2 Watt Zener Diode 3.6 to 200 Volts 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 68 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 18 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 surface mount silicon Zener diodes 100 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 11 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 7.5 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 24 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 62 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
|