PART |
Description |
Maker |
PL611-07 PL611-07XXXTC PL611-07XXXTI PL611-07XXXTC |
Programmable Quick Turn Clock
|
PLL[PhaseLink Corporation]
|
TYM-200-10 TYM-500-10 TYM-100K-10 TYM-100-10 TYM-2 |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10 ohm
|
Vishay Intertechnology, Inc.
|
CY22150FZXC CY22150FZXCT CY22150FZXI CY22150FZXIT |
One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator 166.6 MHz, OTHER CLOCK GENERATOR, PDSO16 4.40 MM, MO-153, TSSOP-16
|
Cypress Semiconductor, Corp.
|
WG1204301 WG20042R23 WG12032R23 WESTCODESEMICONDUC |
4300 V, GATE TURN-OFF SCR 4200 V, GATE TURN-OFF SCR 3200 V, GATE TURN-OFF SCR 1400 V, GATE TURN-OFF SCR 3400 V, GATE TURN-OFF SCR 4100 V, GATE TURN-OFF SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
3352W-1-200 3352V-1-102LF 3352V-1-201LF 3352V-1-10 |
Single-Turn Trimmer Potentiometers 3/8 RND 20OHMS 20% 0.5WATTS RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm POT 5.0K OHM THUMBWHEEL CERM ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 250000 ohm TRIMMER - 3/8" RD ST CERMET RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50 ohm
|
Bourns, Inc.
|
2SK2713 |
3M 18 PIECE QUICK CONNECT SET, INCLUDES: TWO YELLOW QUICK CONNECTS FOR 12-10 AWG WIRE, TWELVE BLUE QUICK CONNECTS FOR 18-14 AWG WIRE, AND FOUR RED QUICK CONNECTS FOR 22-16 AWG WIRE, FEATURES: FLAME RETARDANT, SIMPLE TO USE, VERSATILE Switching (450V, 5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
CY22150 CY22150FC CY22150FI CY22150ZC CY22150ZI |
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
TSS8J48S TSS8G48S |
OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
|
TOSHIBA[Toshiba Semiconductor]
|
AOK20B120E1 |
Low turn-off switching loss due to fast turn-off time
|
Alpha & Omega Semicondu...
|
AOK20B120D1 |
Low turn-off switching loss due to fast turn-off time
|
Alpha & Omega Semicondu...
|
TSS12J48SR E006965 |
OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPPEN SSR From old datasheet system
|
Toshiba
|
AR35 |
Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
|
Broadcom Corporation.
|
|