PART |
Description |
Maker |
NE56605-42 NE56605-42D |
System reset with built-in watchdog timer
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MM1099 |
System Reset (Built-in Watch Dog Timer)
|
Mitsumi
|
MM1096BD MM1096BS MM1096B MM1096BF MM1096AF MM1096 |
System Reset (with built-in watchdog timer) Monolithic MM1096 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PSIP8
|
MITSUMI ELECTRIC CO., LTD. Mitsumi Electronics, Corp.
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
UN8231A UN8231 UNR8231A UNR8231 0706 UNR8231/UNR82 |
UNR8231/UNR8231A (UN8231/UN8231A) - NPN Transistor with built-in Resistor From old datasheet system Transistors with built-in Resistor
|
Matsshita / Panasonic
|
CAT824YSDI-G |
System Supervisory Voltage Reset with Watchdog and Manual Reset 系统监控电压复位,带有看门狗和手动复
|
ON Semiconductor
|
UN2226 0687 UNR2226UN2226 |
UNR2226 (UN2226) - NPN Transistor with built-in Resistor From old datasheet system Transistors with built-in Resistor
|
Matsshita / Panasonic
|
CAT825MSDI-GT3 CAT824MSDI-GT3 CAT823 CAT823LSDI-GT |
System Supervisory Voltage Reset with Watchdog and Manual Reset
|
ON Semiconductor
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TC9237BF TC9237BN |
MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER DA转换器的调制系统在数字滤波器建 SUMM-DELTA MODULATION SYSTEM DA CONVERTER WITH BUILT-IN DIGITAL FILTER
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
S24022 |
Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
|
Summit Microelectronics, Inc.
|