PART |
Description |
Maker |
PT6955 |
The XPHASE Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way to implement a complete an Opteron or Athlon LED DRIVER IC
|
Princeton Technology Corp
|
IR3087 IR3087M IR3087MTR |
XPHASE Phase IC with Opti-Phase OVP with overtemp detect. The IR3087 Phase IC combined with an IR XPhase TM Control IC provides a full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs.
|
International Rectifier
|
IR3086 IR3086M IR3086MTR |
XPHASE Phase IC with OVP with fault overtemp detect. The IR3086 Phase IC combined with an IR XPhase TM Control IC provides a full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs. PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
|
International Rectifier
|
IR3080 IR3080M IR3080MTR |
XPHASE VRD10 Control IC with VccVid and Overtemp Detect
|
International Rectifier
|
IR3086AMPBF IR3086AMTRPBF IR3086APBF |
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
|
International Rectifier
|
U2352BNBSP U2352B |
PWM control for portable tools: Speed control, current control From old datasheet system
|
Atmel Corp
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
LA5636M |
Rechargeable Battery Charge Control ICs: Automotive battery DC-DC converter control IC DC/DC Converter Secondary Side Control IC
|
Sanyo Semicon Device
|
HT7L4091 |
Universal Step-Down PWM Control For High Brightness LED Lighting Control
|
Holtek Semiconductor Inc
|
HCTL-1101 |
General Purpose Control ICs Position and Velocity Control Low Power CMOS
|
AVAGO TECHNOLOGIES LIMITED
|