Part Number Hot Search : 
X9317WS8 MT48L L78L20AB 6J1913 E472M BUK95 T2222 MAD23051
Product Description
Full Text Search
  solution. Datasheet PDF File

For solution. Found Datasheets File :: 30197    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MFRC50001T

NXP Semiconductors
Part No. MFRC50001T
OCR Text ...00 the "original" mifare reader solution rev. 3.4 ? 11 february 2014 048034 product data sheet company public mfrc500 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2014. all rights reserved. product...
Description The “OriginalMIFARE reader solution

File Size 650.41K  /  110 Page

View it Online

Download Datasheet





    BCM2048

Broadcom Corporation.
Part No. BCM2048
OCR Text SOLUTION WITH INTEGRATED FM+RDS RADIO RECEIVER BLUETOOTH FEATURES * Monolithic single die integration of Bluetooth and FM Radio * Bluetooth specification 2.0 +EDR compliant with all data packet types and lengths supported * Best-in-class ...
Description BLUETOOTH 2.0 EDR SINGLE-CHIP HCI SOLUTION WITH INTEGRATED FM RDS RADIO RECEIVER

File Size 128.49K  /  2 Page

View it Online

Download Datasheet

    FN9260-10-06

List of Unclassifed Manufacturers
Part No. FN9260-10-06
OCR Text ...nnector filters are a practical solution helping you to pass emi system approval in a short time. a wide selection on amperage ratings, output connections, mounting possibilities and filters for medical applications are designed to offer y...
Description General Purpose Power Entry Module with Fuses

File Size 302.97K  /  4 Page

View it Online

Download Datasheet

    FDMF8705

Fairchild Semiconductor
Part No. FDMF8705
OCR Text ... Driver plus MOSFET power stage solution for high current synchronous buck DC-DC applications. The device integrates a driver IC and two Power MOSFETs into a space saving, 8mm x 8mm, 56-pin Power88TM package. Fairchild Semiconductor's integ...
Description Driver plus FET Multi-chip Module

File Size 722.71K  /  13 Page

View it Online

Download Datasheet

    MT90520 MT90520AG

Zarlink Semiconductor Inc
Part No. MT90520 MT90520AG
OCR Text ...ignment Complete clock recovery solution provided onchip: Synchronous, Adaptive, or Synchronous * * * * VC Look-Up Table January 2004 Ordering Information MT90520AG 456 Pin Plastic BGA -40 to +85C Residual Time Stamp (SRTS) via 8 indep...
Description 8-Port Primary Rate Circuit Emulation AAL1 SAR

File Size 1,656.30K  /  180 Page

View it Online

Download Datasheet

    SY89829UHY SY89829UHI SY89829UHITR SY89829UHYTR SY89829U

MICREL[Micrel Semiconductor]
Part No. SY89829UHY SY89829UHI SY89829UHITR SY89829UHYTR SY89829U
OCR Text ...h provides a lower overall cost solution. In addition, a single chip solution improves timing budgets by eliminating the multiple device solution with their corresponding large part-to-part skew. APPLICATIONS s High-performance PCs s Wo...
Description 2.5V/3.3V HIGH-PERFORMANCE, DUAL 1:10 OR LVPECL CLOCK DRIVER w/ INTERNAL TERMINATION AND REDUNDANT SWITCHOVER

File Size 72.16K  /  10 Page

View it Online

Download Datasheet

    S1D13A04 S1D13A04F00A100

Epson Company
Part No. S1D13A04 S1D13A04F00A100
OCR Text solution designed for seamless connection to a wide variety of micro- processors. the s1d13a04 integrates a usb slave controller and an lcd graphics controller with an embedded 160k byte sram display buffer. the lcd controller, based on th...
Description S1D13A04 LCD/USB Companion Chip

File Size 142.25K  /  3 Page

View it Online

Download Datasheet

    AAT3201IGV-2.3-T1 AAT3201IGV-2.0-T1 AAT3201IGV-3.5-T1 AAT3201 AAT3201IGV-1.8-T1 AAT3201IGV-2.4-T1 AAT3201IGV-2.5-T1 AAT3

AAT[Advanced Analog Technology, Inc.]
Advanced Analogic Technologies
Part No. AAT3201IGV-2.3-T1 AAT3201IGV-2.0-T1 AAT3201IGV-3.5-T1 AAT3201 AAT3201IGV-1.8-T1 AAT3201IGV-2.4-T1 AAT3201IGV-2.5-T1 AAT3201IGV-2.7-T1 AAT3201IGV-2.85-T1 AAT3201IGV-2.8-T1 AAT3201IGV-3.0-T1 AAT3201IGV-3.3-T1
OCR Text ...al for systems where a low-cost solution is critical. This device features extremely low quiescent current, typically 20A. Dropout voltage is also very low, typically 200mV. The AAT3201 has an enable pin feature which, when pulled low, will...
Description 150mA OmniPower⑩ LDO Linear Regulator

File Size 162.89K  /  15 Page

View it Online

Download Datasheet

    AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8-T1 AAT3200IQY-3.5-T1 AAT3200 AAT3200IGY-2.4-T1 AAT3200IGY-2.5-T1 AAT3

Advanced Analogic Technologies
AAT[Advanced Analog Technology, Inc.]
Part No. AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8-T1 AAT3200IQY-3.5-T1 AAT3200 AAT3200IGY-2.4-T1 AAT3200IGY-2.5-T1 AAT3200IGY-2.7-T1 AAT3200IGY-2.85-T1 AAT3200IGY-2.8-T1 AAT3200IGY-3.0-T1 AAT3200IGY-3.3-T1 AAT3200IGY-3.5-T1 AAT3200IQY-1.8-T1 AAT3200IQY-2.0-T1 AAT3200IQY-2.3-T1 AAT3200IQY-2.4-T1 AAT3200IQY-2.5-T1 AAT3200IQY-2.7-T1 AAT3200IQY-2.8-T1 AAT3200IQY-3.0-T1 AAT3200IQY-3.3-T1 AAT320006
OCR Text ...al for systems where a low-cost solution is required. This device features extremely low quiescent current, typically 20A. Dropout voltage is also very low, typically 200mV. The AAT3200 has output short-circuit and over-current protection. ...
Description OmniPower?/a> LDO Linear Regulator
OmniPower LDO Linear Regulator
OmniPower垄芒 LDO Linear Regulator
OmniPower⑩ LDO Linear Regulator

File Size 167.16K  /  16 Page

View it Online

Download Datasheet

    AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8-T1 AAT3200IQY-3.5-T1 AAT3200 AAT3200IGY-2.4-T1 AAT3200IGY-2.5-T1 AAT3

Advanced Analogic Technologies, Inc.
ANALOGICTECH[Advanced Analogic Technologies]
Part No. AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8-T1 AAT3200IQY-3.5-T1 AAT3200 AAT3200IGY-2.4-T1 AAT3200IGY-2.5-T1 AAT3200IGY-2.7-T1 AAT3200IGY-2.85-T1 AAT3200IGY-2.8-T1 AAT3200IGY-3.0-T1 AAT3200IGY-3.3-T1 AAT3200IGY-3.5-T1 AAT3200IQY-1.8-T1 AAT3200IQY-2.0-T1 AAT3200IQY-2.3-T1 AAT3200IQY-2.4-T1 AAT3200IQY-2.5-T1 AAT3200IQY-2.7-T1 AAT3200IQY-2.85-T1 AAT3200IQY-2.8-T1 AAT3200IQY-3.0-T1 AAT3200IQY-3.3-T1
OCR Text ...al for systems where a low-cost solution is required. This device features extremely low quiescent current which is typically 20A. Dropout voltage is also very low, typically 200mV. The AAT3200 has output shortcircuit and over-current prote...
Description 1.5A Fast Ultra Low Dropout Linear Regulators
OmniPower LDO Linear Regulator

File Size 163.02K  /  16 Page

View it Online

Download Datasheet

For solution. Found Datasheets File :: 30197    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of solution.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1730210781097