PART |
Description |
Maker |
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
IDT7207L20J IDT7207L20JB IDT7207L15J IDT7207L15JB |
CMOS ASYNCHRONOUS FIFO 32,768 x 9 CMOS ASYNCHRONOUS FIFO 32768 x 9 ER 3C 3#16 PIN RECP BOX ER 12C 12#12 SKT RECP ER 3C 3#16S PIN RECP BOX 32K X 9 OTHER FIFO, 15 ns, CQCC32 ER 4C 4#16S PIN RECP LINE ER 4C 46S 线性插 ER 2C 2#16S PIN RECP BOX 的CMOS异步FIFO 32768 × 9 LVDS 21-Bit Serializers/De-Serializers 32K X 9 OTHER FIFO, 20 ns, QCC32 CMOS ASYNCHRONOUS FIFO 32/768 x 9 LVDS 21-Bit Serializers/De-Serializers; ; No of Pins: 48; Container: Rail
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
67401J 67401N C67402N 67L402J 67402BJ 67401BJ 6740 |
8 bit SIPO shift register 3.3V Input to Regulated 5V Output Charge Pumps x4 Asynchronous FIFO x4异步FIFO x5 Asynchronous FIFO X5的异步FIFO
|
Pomona Electronics Electronic Theatre Controls, Inc.
|
IDT72211L12J IDT72201L20L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 512 X 9 OTHER FIFO, PQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, CQCC32
|
Integrated Device Technology, Inc.
|
7204L30TPGI8 7204L30TPGB8 7208L12GGI8 7208L12PGI8 |
CMOS ASYNCHRONOUS FIFO
|
Integrated Device Techn...
|
IDT7206 IDT7205 IDT7207 |
CMOS ASYNCHRONOUS FIFO
|
IDT
|
IDT72V06L25J |
3.3 VOLT CMOS ASYNCHRONOUS FIFO
|
Integrated Device Techn...
|
72V83L20PAG8 72V85L20PAG8 72V82L20PAG8 |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
|
Integrated Device Techn...
|
IDT72V04L15J IDT72V05 IDT72V06 IDT72V06L35JI IDT72 |
From old datasheet system 3.3 VOLT CMOS ASYNCHRONOUS FIFO
|
IDT[Integrated Device Technology]
|
ISL6700IBZ ISL6700IR ISL6700IRZ ISL6700IB ISL6700 |
1024 x 9 x 2 Asynchronous Bidirectional FIFO Memory 44-PLCC 0 to 70 1024 x 9 x 2 Asynchronous Bidirectional FIFO Memory 64-TQFP 0 to 70 80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
|
INTERSIL[Intersil Corporation]
|
|