Part Number Hot Search : 
IP7805A ASI10517 TMXW354 41200 13130 ILX551 85NFR10 IN4045R
Product Description
Full Text Search

FQP27P06 -    60V P-Channel MOSFET Inductor; Inductor Type:Standard; Inductance:217uH; Series:CMS; DC Resistance Max:0.02ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:2.85A; Leaded Process Compatible:Yes; Leakage Inductance:1.9uH RoHS Compliant: Yes

FQP27P06_337659.PDF Datasheet

 
Part No. FQP27P06
Description    60V P-Channel MOSFET
Inductor; Inductor Type:Standard; Inductance:217uH; Series:CMS; DC Resistance Max:0.02ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:2.85A; Leaded Process Compatible:Yes; Leakage Inductance:1.9uH RoHS Compliant: Yes

File Size 694.18K  /  8 Page  

Maker


FAIRCHILD[Fairchild Semiconductor]
FAIRCHILD SEMICONDUCTOR CORP



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: FQP27P06
Maker: FAIRCHIL..
Pack: TO-220
Stock: Reserved
Unit price for :
    50: $0.50
  100: $0.48
1000: $0.45

Email: oulindz@gmail.com

Contact us

Homepage http://www.fairchildsemi.com/
Download [ ]
[ FQP27P06 Datasheet PDF Downlaod from Datasheet.HK ]
[FQP27P06 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for FQP27P06 ]

[ Price & Availability of FQP27P06 by FindChips.com ]

 Full text search :    60V P-Channel MOSFET Inductor; Inductor Type:Standard; Inductance:217uH; Series:CMS; DC Resistance Max:0.02ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:2.85A; Leaded Process Compatible:Yes; Leakage Inductance:1.9uH RoHS Compliant: Yes


 Related Part Number
PART Description Maker
CE2766 6-Channe Audio DAC
CEI
FCB20N60F12 600V N-Channe MOSFET 600V, 20A, 190mΩ
Fairchild Semiconductor
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- 46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
48 A, 60 V, 0.023 ohm, N-CHANNE
81 A, 60 V, 0.012 ohm, N-CHANNE
27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
VISHAY INTERTECHNOLOGY INC
HUF76407D3 HUF76407D3S HUF76407D3ST 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
Fairchild Semiconductor
NIMD6302R2 HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET
HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
ONSEMI[ON Semiconductor]
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
21 A, 60 V, 0.042 ohm, N-CHANNE
28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
JST Mfg. Co., Ltd.
Vishay Intertechnology, Inc.
Austin Semiconductor, Inc
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe
Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM.
Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM.
Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
Atmel
 
 Related keyword From Full Text Search System
FQP27P06 bus switch FQP27P06 microprocessor FQP27P06 Mount FQP27P06 tdma modulator FQP27P06 Analog
FQP27P06 complimentary against FQP27P06 Bus FQP27P06 barrier FQP27P06 Untuk apa ic FQP27P06 digital ic
 

 

Price & Availability of FQP27P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.1457941532135