PART |
Description |
Maker |
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
SPX1202R-2-5/TR SPX1202R-L-3-0/TR SPX1202R-L-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.15 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.15 V DROPOUT, PDSO4 600mA Low Dropout Voltage Regulator 600mA Low Dropout Voltage Regulator
|
Sipex Corporation
|
CM1117AGKCM89 CM1117AKCM89 CM1117ACM89 CM1117AGSCM |
600mA LOW DROPOUT VOLTAGE REGULATOR
|
Champion Microelectronic Corp.
|
APL560312BTI-TRG APL560333QAI-TRG APL560325BI-TRG |
Low Dropout 600mA Fixed Voltage Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
AZ1117BH-ADJTRE1 AZ1117BH-2.5TRE1 AZ1117BH-1.8TRE1 |
600mA LOW DROPOUT LINEAR REGULATOR
|
http:// BCDSEMI BCD Semiconductor Manufacturing Limited
|
AP2317 AP2317R-2.5TR AP2317H-2.5 AP2317H-2.5E1 AP2 |
600mA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
AME8819AEFT250Z AME8819BEFT250Z AME8819AEFT300Z AM |
Low Dropout 600mA CMOS Regulator
|
AMETHERM Circuit Protection Thermistors
|
APE8805A10 APE8805A-14 |
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Advanced Power Electronics Corp. Advanced Power Electronics ...
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|