PART |
Description |
Maker |
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74LVT16374A 74LVTH16374ABQ 74LVT16374ADGG 74LVT163 |
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
|
NXP Semiconductors
|
74LVT16374A 74LVT16374A_4 |
3.3V LVT 16-bit edge-triggered D-type From old datasheet system
|
Philips
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
74LVT162374DL 74LVT162374DGG 74LVT162374 |
3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State 3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVCH16374ABX 74LVC16374ABX |
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
|
NXP Semiconductors
|
DM74ALS874B DM74ALS874BNT DM74ALS874BWM |
Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVCH32374A 74LVCH32374A_DS_93505 |
3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP From old datasheet system
|
IDT
|
IDT74LVC16374APA IDT74LVC16374APAG IDT74LVC16374AP |
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
Integrated Device Technology
|
KBPC5000F KBPC5001F KBPC5010F KBPC5012F KBPC5008F |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 Silicon-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
IDT74LVCH162374A IDT74LVCH162374APA IDT74LVCH16237 |
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 16-Bit Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
IDT
|