PART |
Description |
Maker |
ADM8690ANZ ADM8690-15 ADM8692-15 ADM8691-15 |
uP Supervisory Circuit, 8-Pin DIP; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Microprocessor Supervisory Circuits
|
Analog Devices, Inc.
|
DS3687H DS3687J-8/A DS3687N-8/B DS3687H/A DS3687N- |
Dual Peripheral Driver µP Supervisory, Push/Pull Active-Low, TH: 1.8V, Timeout: 100ms, SOT23 3-pin µP Supervisory, Push/Pull Active-Low, TH: 1.6V, Timeout: 100ms, SOT23 3-pin µP Supervisory, Push/Pull Active-Low, TH: 2.3V, Timeout: 20ms, SOT23 3-pin µP Supervisory, Push/Pull Active-Low, TH: 2.0V, Timeout: 100ms, SOT23 3-pin µP Supervisory, Push/Pull Active-Low, TH: 1.8V, Timeout: 100ms, SOT23 3-pin 双外围驱动器
|
KEMET Corporation
|
2SA1550 2SA1550P 2SA1550Q |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 500MA I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Panasonic Industrial Solutions DB Lectro, Inc.
|
59-900049 59-900047 59-900052 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 DRUCKTASTER AUS TAST QUADRATISCH WEISS
|
Electronic Theatre Controls, Inc.
|
ADM809MART ADM809JART ADM809RART ADM809TART |
Microprocessor Supervisory Circuit in 3-Pin SOT-23 RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes 微处理器监控电路引脚SOT - 23 Microprocessor Supervisory Circuit in 3-Pin SOT-23 微处理器监控电路引脚SOT - 23 SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-SOIC -40 to 85
|
Analog Devices, Inc.
|
2SA2083 2SA2083C |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset BJT 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Radiall S.A.
|
2N859 2N4383 2N862 2N863 2N860 2N858 2N1257 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-18 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 800MA I(C) | TO-5 晶体管|晶体管|叩| 30V的五(巴西)总裁| 800mA的一(c)| 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 5-Pin, Multiple-Input, Programmable Reset ICs
|
Electronic Theatre Controls, Inc.
|
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SA1031 2SA1032 2SA1031B 2SA1031D |
Silicon PNP Transistor Silicon PNP Epitaxial 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
HITACHI[Hitachi Semiconductor] Microsemi, Corp.
|
ADM809 ADM809JART ADM809LART ADM809MART ADM809RART |
Microprocessor Supervisory Circuit in 3-Pin SOT-23
|
AD[Analog Devices]
|